Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC-22MG Datasheet(PDF) 2 Page - Rohm

Part # SLC-22MG
Description  SLC-22 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLC-22MG Datasheet(HTML) 2 Page - Rohm

  SLC-22MG Datasheet HTML 1Page - Rohm SLC-22MG Datasheet HTML 2Page - Rohm SLC-22MG Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLC-22 Series
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
Brightness
(mcd)
Resin Color
0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25
φ3 Cylinder type 115˚
Diffused Colored
SLC-22VR
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
Brightness
(mcd)
Resin Color
0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25
φ3 Cylinder type 115˚
Diffused Colored
SLC-22MG
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
Brightness
(mcd)
Resin Color
0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25
φ3 Cylinder type 115˚
Diffused Colored
SLC-22YY
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
Brightness
(mcd)
Resin Color
0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25
φ3 Cylinder type 115˚
Diffused Colored
SLC-22DU
Orange (D)
Yellow (Y)
Green (M)
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
2/2
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.12 - Rev.B


Similar Part No. - SLC-22MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLC-22MG ROHM-SLC-22MG Datasheet
243Kb / 3P
   Standard Type 2.0 Cylinder Type LED Lamps
More results

Similar Description - SLC-22MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLC-22VR3F ROHM-SLC-22VR3F Datasheet
129Kb / 3P
   SLC-22 Series
logo
AVX Corporation
GH16 AVX-GH16 Datasheet
72Kb / 2P
   Microwave SLC?셲
logo
Gamewell-FCI by Honeywe...
SLC-PM GAMEWELL-FCI-SLC-PM Datasheet
85Kb / 1P
   SLC Personality Loop Modules
logo
Littelfuse
SLC LITTELFUSE-SLC_17 Datasheet
277Kb / 1P
   SLC CLASS G FUSES
SLC LITTELFUSE-SLC_V01 Datasheet
479Kb / 1P
   SLC CLASS G FUSES
Rev: 2-B-042219
SLC LITTELFUSE-SLC Datasheet
457Kb / 2P
   SLC Class G Fuses
logo
Samsung semiconductor
K8S6815ETD SAMSUNG-K8S6815ETD Datasheet
1Mb / 48P
   64Mb D-die SLC NOR FLASH
logo
Toshiba Semiconductor
TC58NVG0S3HTA00 TOSHIBA-TC58NVG0S3HTA00 Datasheet
868Kb / 2P
   SLC NAND & BENAND Reliability and Performance
logo
Axiomtek Co., Ltd.
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
   Flash SATA Disk /SATAIII SLC, MLC
logo
Panasonic Semiconductor
RP-SDF PANASONIC-RP-SDF Datasheet
126Kb / 2P
   SD MEMORY CARD, INDUSTRIAL SLC MODEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com