Electronic Components Datasheet Search |
|
LAN9500 Datasheet(PDF) 1 Page - SMSC Corporation |
|
LAN9500 Datasheet(HTML) 1 Page - SMSC Corporation |
1 / 66 page SMSC LAN950x Family Revision 1.1 (04-18-13) DATASHEET Datasheet PRODUCT FEATURES LAN9500/LAN9500i LAN9500A/LAN9500Ai USB 2.0 to 10/100 Ethernet Controller Highlights Single Chip Hi-Speed USB 2.0 to 10/100 Ethernet Controller Integrated 10/100 Ethernet MAC with Full-Duplex Support Integrated 10/100 Ethernet PHY with HP Auto-MDIX support Integrated USB 2.0 Hi-Speed Device Controller Integrated USB 2.0 Hi-Speed PHY Implements Reduced Power Operating Modes Target Applications Embedded Systems Set-Top Boxes PVR’s CE Devices Networked Printers USB Port Replicators Standalone USB to Ethernet Dongles Test Instrumentation Industrial Key Features USB Device Controller — Fully compliant with Hi-Speed Universal Serial Bus Specification Revision 2.0 — Supports HS (480 Mbps) and FS (12 Mbps) modes — Four endpoints supported — Supports vendor specific commands — Integrated USB 2.0 PHY — Remote wakeup supported High-Performance 10/100 Ethernet Controller — Fully compliant with IEEE802.3/802.3u — Integrated Ethernet MAC and PHY — 10BASE-T and 100BASE-TX support — Full- and half-duplex support — Full- and half-duplex flow control — Preamble generation and removal — Automatic 32-bit CRC generation and checking — Automatic payload padding and pad removal — Loop-back modes — TCP/UDP/IP/ICMP checksum offload support — Flexible address filtering modes – One 48-bit perfect address – 64 hash-filtered multicast addresses – Pass all multicast – Promiscuous mode – Inverse filtering – Pass all incoming with status report — Wakeup packet support — Integrated Ethernet PHY – Auto-negotiation – Automatic polarity detection and correction – HP Auto-MDIX support – Link status change wake-up detection — Support for 3 status LEDs — External MII and Turbo MII support HomePNA™ and HomePlug® PHY Power and I/Os — Various low power modes — NetDetach feature increases battery life 1 — Supports PCI-like PME wake 1 —11 GPIOs — Supports bus-powered and self-powered operation — Integrated power-on reset circuit — Single external 3.3v I/O supply – Internal core regulator Miscellaneous Features — EEPROM Controller — Supports custom operation without EEPROM 1 — IEEE 1149.1 (JTAG) Boundary Scan — Requires single 25 MHz crystal Software — Windows XP/Vista Driver — Linux Driver — Win CE Driver —MAC OS Driver — EEPROM Utility Packaging — 56-pin QFN (8x8 mm) Lead-Free RoHS Compliant Environmental — Commercial Temperature Range (0°C to +70°C) — Industrial Temperature Range (-40°C to +85°C) 1 = LAN9500A/LAN9500Ai only |
Similar Part No. - LAN9500 |
|
Similar Description - LAN9500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |