Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS057DWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75ALS057DWRG4
Description  TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS057DWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75ALS057DWRG4 Datasheet HTML 4Page - Texas Instruments SN75ALS057DWRG4 Datasheet HTML 5Page - Texas Instruments SN75ALS057DWRG4 Datasheet HTML 6Page - Texas Instruments SN75ALS057DWRG4 Datasheet HTML 7Page - Texas Instruments SN75ALS057DWRG4 Datasheet HTML 8Page - Texas Instruments SN75ALS057DWRG4 Datasheet HTML 9Page - Texas Instruments SN75ALS057DWRG4 Datasheet HTML 10Page - Texas Instruments SN75ALS057DWRG4 Datasheet HTML 11Page - Texas Instruments SN75ALS057DWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SN75ALS056, SN75ALS057
TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SLLS028G – AUGUST 1987 – REVISED JUNE 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN75ALS056
RECEIVER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tPLH4
Propagation delay time,
low-to-high-level output
Bn
An
CS at 0.8 V, T/R at 0.8 V, RL1 = 390 Ω,
18
ns
tPHL4
Propagation delay time,
high-to-low-level output
Bn
An
,,
L
,
RL2 = 1.6 kΩ, CL = 30 pF, See Figure 4
18
ns
tPLZ1
Output disable time from
low level
T/R
An
CS at 0.8 V, VI(Bn) = 2 V, VL = 5 V,
RL1 = 390 Ω, RL2 not connected,
CL = 15 pF, See Figure 3
20
ns
tPZL1
Output enable time to
low level
T/R
An
CS at 0.8 V, VI(Bn) = 2 V, VL = 5 V,
RL1 = 390 Ω, RL2 = 1.6 kΩ,
CL = 30 pF, See Figure 3
40
ns
tPHZ1
Output disable time from
high level
T/R
An
CS at 0.8 V, VI(Bn) = 0, VL = 0,
RL1 = 390 Ω, RL2 not connected,
CL = 15 pF, See Figure 3
17
ns
tPZH1
Output enable time to
high level
T/R
An
CS at 0.8 V, VI(Bn) = 0, VL = 0,
RL1 not connected, RL2 = 1.6 kΩ,
CL = 30 pF, See Figure 3
15
ns
tPLZ2
Output disable time from
low level
CS
An
Bn at 2 V, T/R at 0.8 V, CL = 5 pF,
VL = 5 V, RL1 = 390 Ω,
RL2 not connected, See Figure 5
18
ns
tPZL2
Output enable time to
low level
CS
An
Bn at 2 V, T/R at 0.8 V, CL = 30 pF,
VL = 5 V, RL1 = 390 Ω, RL2 = 1.6 kΩ,
See Figure 5
15
ns
tPHZ2
Output disable time from
high level
CS
An
Bn at 0.8 V, T/R at 0.8 V, CL = 5 pF,
VL = 0, RL1 = 390 Ω,
RL2 not connected, See Figure 5
8
ns
tPZH2
Output enable time to
high level
CS
An
Bn at 0.8 V, T/R at 0.8 V, CL = 30 pF,
VL = 0, RL1 not connected,
RL2 = 1.6 kΩ, See Figure 5
17
ns
tw(NR)
Receiver noise rejection
pulse duration
Bn
An
CS at 0.8 V, T/R at 0.8 V, RL1 = 390 Ω,
RL2 = 1.6 kΩ, CL = 30 pF, VL = 5 V,
See Figure 6
3
ns


Similar Part No. - SN75ALS057DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS057DW TI-SN75ALS057DW Datasheet
234Kb / 15P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS057DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS056 TI-SN75ALS056 Datasheet
234Kb / 15P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
logo
National Semiconductor ...
DS3896 NSC-DS3896 Datasheet
247Kb / 9P
   BTL Trapezoidal??Transceivers
DS3896 NSC-DS3896_09 Datasheet
353Kb / 10P
   BTL Trapezoidal??Transceivers
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com