Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU52011HFV Datasheet(PDF) 2 Page - Rohm

Part # BU52011HFV
Description  Omnipolar Detection Hall ICs Line up of supply voltage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52011HFV Datasheet(HTML) 2 Page - Rohm

  BU52011HFV Datasheet HTML 1Page - Rohm BU52011HFV Datasheet HTML 2Page - Rohm BU52011HFV Datasheet HTML 3Page - Rohm BU52011HFV Datasheet HTML 4Page - Rohm BU52011HFV Datasheet HTML 5Page - Rohm BU52011HFV Datasheet HTML 6Page - Rohm BU52011HFV Datasheet HTML 7Page - Rohm BU52011HFV Datasheet HTML 8Page - Rohm BU52011HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,BU52015GUL,BU52025G,BU52053NVX,
BU52054GWZ,BU52055GWZ,BU52056NVX,BU52061NVX,BD7411G
2/31
www.rohm.com
2011.12 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings
BU52054GWZ, BU52055GWZ (Ta=25℃)
BU52015GUL (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
-0.1~+4.5
1
V
Power Supply Voltage
VDD
-0.1~+4.5
3
V
Output Current
IOUT
±
0.5
mA
Output Current
IOUT
±
0.5
mA
Power Dissipation
Pd
100
2
mW
Power Dissipation
Pd
420
4
mW
Operating
Temperature Range
Topr
-40~+85
Operating
Temperature Range
Topr
-40~+85
Storage
Temperature Range
Tstg
-40~+125
Storage
Temperature Range
Tstg
-40~+125
1. Not to exceed Pd
2. Reduced by 1.00mW for each increase in Ta of 1℃ over 25℃
(mounted on 24mm×20mm Glass-epoxy PCB)
3. Not to exceed Pd
4. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃
(mounted on 50mm×58mm Glass-epoxy PCB)
BU52001GUL (Ta=25℃)
BU52061NVX, BU52053NVX, BU52056NVX(Ta=25℃)
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
-0.1~+4.5
5
V
Power Supply Voltage
VDD
-0.1~+4.5
7
V
Output Current
IOUT
±
1
mA
Output Current
IOUT
±
0.5
mA
Power Dissipation
Pd
420
6
mW
Power Dissipation
Pd
2049
8
mW
Operating
Temperature Range
Topr
-40~+85
Operating
Temperature Range
Topr
-40~+85
Storage
Temperature Range
Tstg
-40~+125
Storage
Temperature Range
Tstg
-40~+125
5. Not to exceed Pd
6. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃
(mounted on 50mm×58mm Glass-epoxy PCB)
7. Not to exceed Pd
8. Reduced by 4.20mW for each increase in Ta of 1℃ over 25℃
(mounted on 50mm×58mm Glass-epoxy PCB)
BU52011HFV (Ta=25℃)
BU52021HFV (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
-0.1~+4.5
9
V
Power Supply Voltage
VDD
-0.1~+4.5
11
V
Output Current
IOUT
±
0.5
mA
Output Current
IOUT
±
1
mA
Power Dissipation
Pd
536
10
mW
Power Dissipation
Pd
536
12
mW
Operating
Temperature Range
Topr
-40~+85
Operating
Temperature Range
Topr
-40~+85
Storage
Temperature Range
Tstg
-40~+125
Storage
Temperature Range
Tstg
-40~+125
9. Not to exceed Pd
10. Reduced by5.36mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB)
11 Not to exceed Pd
12. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB)
BU52025G (Ta=25℃)
BD7411G (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VDD
-0.1~+4.5
13
V
Power Supply Voltage
VDD
-0.3~+7.0
15
V
Output Current
IOUT
±
1
mA
Output Current
IOUT
±
1
mA
Power Dissipation
Pd
540
14
mW
Power Dissipation
Pd
540
16
mW
Operating
Temperature Range
Topr
-40~+85
Operating
Temperature Range
Topr
-40~+85
Storage
Temperature Range
Tstg
-40~+125
Storage
Temperature Range
Tstg
-55~+150
13. Not to exceed Pd
14. Reduced by 5.40mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB)
15. Not to exceed Pd
16. Reduced by 5.40mW for each increase in Ta of 1℃ over 25℃
(mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB)


Similar Part No. - BU52011HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52011HFV ROHM-BU52011HFV Datasheet
188Kb / 6P
   Hall effect Switch
BU52011HFV ROHM-BU52011HFV Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52011HFV ROHM-BU52011HFV Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV ROHM-BU52011HFV Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52011HFV ROHM-BU52011HFV Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
More results

Similar Description - BU52011HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com