Electronic Components Datasheet Search |
|
SLR-342MG Datasheet(PDF) 3 Page - Rohm |
|
SLR-342MG Datasheet(HTML) 3 Page - Rohm |
3 / 4 page SLR-342 Series Rank Reference of Brightness Red (V) (Ta=25˚C, IF=10mA) (Ta=25˚C, IF=10mA) (Ta=25˚C, IF=10mA) (Ta=25˚C, IF=10mA) Viewing angle (2ɵ1/2) Brightness Rank E F G H J K L M N P Q R S T U V Brightness (mcd) Resin Color 0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 φ3 Circular type 40˚ Transparent Colored ※ SLR-342VC Diffused Colored ※ SLR-342VR Orange (D) Viewing angle (2ɵ1/2) Brightness Rank E F G H J K L M N P Q R S T U V Brightness (mcd) Resin Color 0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 φ3 Circular type 40˚ Transparent Colored ※ SLR-342DC Diffused Colored ※ SLR-342DU Yellow (Y) Viewing angle (2ɵ1/2) Brightness Rank E F G H J K L M N P Q R S T U V Brightness (mcd) Resin Color 0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 φ3 Circular type 40˚ Transparent Colored ※ SLR-342YC Diffused Colored ※ SLR-342YY Green (M) Viewing angle (2ɵ1/2) Brightness Rank E F G H J K L M N P Q R S T U V Brightness (mcd) Resin Color 0.40 to 0.63 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 φ3 Circular type 40˚ Transparent Colored ※ SLR-342MC Diffused Colored ※ SLR-342MG ※Brightness on specification sheet include tolerance of within ± 10%. Part No. Construction ∗ Concerning the Brightness rank • Please refer to the rank chart above for luminous intensity classification. • Part name is individual for each rank. • When shipped as sample, the part name will be a representative part name. General products are free of ranks. Please contact sales if rank appointment is needed. S L R 3 4 2 Y Series name Package type Emitting Color Resin Color Taping specifications V D Y M R <Red> Diffused Colored <Orange> Diffused Colored <Yellow> Diffused Colored <Green> Diffused Colored Transparent Colored U Y G C Red:630nm Orange:605nm Yellow:587(590)nm Yellowish-Green:572(563)nm T See taping specifications C T 3 2 Rank sign (Brightness Rank)∗ M Packing Specification ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags. Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request. Please contact the nearest sales office or distributer if necessary. 3/3 © 2010 ROHM Co., Ltd. All rights reserved. www.rohm.com 2010.12 - Rev.A |
Similar Part No. - SLR-342MG |
|
Similar Description - SLR-342MG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |