Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V546S133PFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 71V546S133PFG
Description  128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V546S133PFG Datasheet(HTML) 4 Page - Integrated Device Technology

  71V546S133PFG Datasheet HTML 1Page - Integrated Device Technology 71V546S133PFG Datasheet HTML 2Page - Integrated Device Technology 71V546S133PFG Datasheet HTML 3Page - Integrated Device Technology 71V546S133PFG Datasheet HTML 4Page - Integrated Device Technology 71V546S133PFG Datasheet HTML 5Page - Integrated Device Technology 71V546S133PFG Datasheet HTML 6Page - Integrated Device Technology 71V546S133PFG Datasheet HTML 7Page - Integrated Device Technology 71V546S133PFG Datasheet HTML 8Page - Integrated Device Technology 71V546S133PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
IDT71V546, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Pin Configuration — 128K X 36
100 99 98 97 96 95 94 93 92 91 90
87 86 85 84 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDD
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDD
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDD
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDD
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDD
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDD
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDD
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDD
I/O1
I/O0
PK100-1
3821 drw 02
VDD(1)
I/O15
I/OP3
VDD
I/OP4
I/OP1
VDD
I/OP2
VSS
.
.
NOTES:
1. Pin 14 does not have to be connected directly to VDD as long as the input voltage is > VIH.
2. Pins 83 and 84 are reserved for future A17 (8M) and A18 (16M) respectively.
100
100
100
100
100 T
TT
T
TQFP
QFP
QFP
QFP
QFP
T
TT
T
Top
op
op
op
op V
V
V
V
Vie
ie
ie
ie
iew
w
w
w
w


Similar Part No. - 71V546S133PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V546S133PFG IDT-71V546S133PFG Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
71V546S133PFG IDT-71V546S133PFG Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
71V546S133PFG RENESAS-71V546S133PFG Datasheet
450Kb / 22P
   128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
logo
Integrated Device Techn...
71V546S133PFG8 IDT-71V546S133PFG8 Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
71V546S133PFG8 RENESAS-71V546S133PFG8 Datasheet
450Kb / 22P
   128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
More results

Similar Description - 71V546S133PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
IDT71V546S RENESAS-IDT71V546S Datasheet
450Kb / 22P
   128K x 36, 3.3V Synchronous SRAM with ZBT™ Feature Burst Counter and Pipelined Outputs
AUGUST 2017
logo
Integrated Device Techn...
IDT71V547 IDT-IDT71V547 Datasheet
162Kb / 19P
   128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs
IDT71V546S IDT-IDT71V546S_17 Datasheet
228Kb / 21P
   Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs
logo
Renesas Technology Corp
71V547S RENESAS-71V547S Datasheet
297Kb / 21P
   128K X 36, 3.3V Synchronous SRAM with ZBT™ Feature, Burst Counter and Flow-Through Outputs
Apr.24.20
71V2546S RENESAS-71V2546S Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com