Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502MLF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 502MLF
Description  LOCO??PLL CLOCK MULTIPLIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

502MLF Datasheet(HTML) 5 Page - Integrated Device Technology

  502MLF Datasheet HTML 1Page - Integrated Device Technology 502MLF Datasheet HTML 2Page - Integrated Device Technology 502MLF Datasheet HTML 3Page - Integrated Device Technology 502MLF Datasheet HTML 4Page - Integrated Device Technology 502MLF Datasheet HTML 5Page - Integrated Device Technology 502MLF Datasheet HTML 6Page - Integrated Device Technology 502MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS502
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
5
ICS502
REV M 051310
AC Electrical Characteristics
VDD = 5.0 V ±5%
, Ambient Temperature -40 to +85
° C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, crystal input
FIN
527
MHz
Input Frequency, clock input
FIN
250
MHz
Output Frequency, VDD = 4.5 to 5.5V
FOUT
0 to +70
° C
14
160
MHz
Output Frequency, VDD = 3.0 to 3.6V
-40 to +85
° C
14
120
MHz
Output Frequency, VDD = 4.5 to 5.5V
FOUT
+25
° C
14
190
MHz
Output Frequency, VDD = 3.0 to 3.6V
+25
° C
14
140
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0V
1
ns
Output Clock Duty Cycle
tOD
1.5V, up to 160 MHz
45
49-51
55
%
PLL Bandwidth
10
kHz
Output Enable Time, OE high to
output on
50
ns
Output Disable Time, OE low to
tri-state
50
ns
Absolute Clock Period Jitter
tja
Deviation from mean
+70
ps
One Sigma Clock Period Jitter
tjs
25
ps


Similar Part No. - 502MLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
502MLF ETC2-502MLF Datasheet
182Kb / 7P
   Packaged as 8-pin SOIC or die
logo
Integrated Device Techn...
502MLF IDT-502MLF Datasheet
120Kb / 7P
   LOCO PLL CLOCK MULTIPLIER
logo
List of Unclassifed Man...
502MLFT ETC2-502MLFT Datasheet
182Kb / 7P
   Packaged as 8-pin SOIC or die
logo
Integrated Device Techn...
502MLFT IDT-502MLFT Datasheet
120Kb / 7P
   LOCO PLL CLOCK MULTIPLIER
More results

Similar Description - 502MLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
   LOCO??PLL Clock Multiplier
logo
Integrated Device Techn...
ICS511 IDT-ICS511 Datasheet
150Kb / 11P
   LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com