Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EN360EM25 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC68EN360EM25
Description  MC68360 QUad Integrated Communication Controller (QUICC)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68EN360EM25 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC68EN360EM25 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68EN360EM25 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68EN360EM25 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68EN360EM25 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68EN360EM25 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68EN360EM25 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68EN360EM25 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68EN360EM25 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68EN360EM25 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
fetch two word-length instructions in one bus cycle, filling the internal instruction queue more quickly. The
CPU32+ core can also read and write 32-bits of data in one bus cycle.
Although the CPU32+ instruction timings are improved, its instruction set is identical to that of the CPU32. It
will also execute the entire M68000 instruction set. It contains the same background debug mode (BDM)
features as the CPU32. No new compilers, assemblers, or other software support tools need be
implemented for the CPU32+; standard CPU32 tools can be used.
The CPU32+ delivers approximately 4.5 MIPS at 25 MHz, based on the standard (accepted) assumption that
a 10-MHz M68000 delivers 1 VAX MIPS. If an application requires more performance, the CPU32+ can be
disabled, allowing the rest of the QUICC to operate as an intelligent peripheral to a faster processor. The
QUICC provides a special mode called MC68040 companion mode to allow it to conveniently interface to
members of the M68040 family. This two-chip solution provides a 22-MIPS performance at 25 MHz.
The CPU32+ also offers automatic byte alignment features that are not offered on the CPU32. These
features allow 16 or 32-bit data to be read or written at an odd address. The CPU32+ automatically performs
the number of bus cycles required.
System Integration Module (SIM60)
The SIM60 integrates general-purpose features that would be useful in almost any 32-bit processor system.
The term “SIM60” is derived from the QUICC part number, MC68360. The SIM60 is an enhanced version of
the SIM40 that exists on the MC68340 and MC68330 devices.
First, new features, such as a DRAM controller and breakpoint logic, have been added. Second, the SIM40
was modified to support a 32-bit IMB as well as a 32-bit external system bus. Third, new configurations, such
as slave mode and internal accesses by an external master, are supported.
Although the QUICC is always a 32-bit device internally, it may be configured to operate with a 16-bit data
bus. Regardless of the choice of the system bus size, dynamic bus sizing is supported. Bus sizing allows 8-,
16-, and 32-bit peripherals and memory to exist in the 32-bit system bus mode and 8- and 16-bit peripherals
and memory to exist in the 16-bit system bus mode.
Communications Processor Module (CPM)
The CPM contains features that allow the QUICC to excel in communications and control applications. These
features may be divided into three sub-groups:
• Communications Processor (CP)
• Two IDMA Controllers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68EN360EM25

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68EN360EM25 FREESCALE-MC68EN360EM25 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller
More results

Similar Description - MC68EN360EM25

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68360EM25VL FREESCALE-MC68360EM25VL Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
MC68EN360EM33L FREESCALE-MC68EN360EM33L Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
MC68EN360AI25VL FREESCALE-MC68EN360AI25VL Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller
logo
Motorola, Inc
MC68360UMAD MOTOROLA-MC68360UMAD Datasheet
159Kb / 28P
   Errata and Added Information to MC68360 Quad Integrated Communication Controller User Manual Rev 1
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
   32-bitQuad Integrated Communication Controller
logo
Motorola, Inc
MC68360 MOTOROLA-MC68360 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
logo
ATMEL Corporation
TSPC860 ATMEL-TSPC860 Datasheet
1Mb / 93P
   Integrated Communication Processor
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
   ATM communication controller
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
   IrDA Communication Controller
logo
Freescale Semiconductor...
MC68360TUT FREESCALE-MC68360TUT Datasheet
875Kb / 18P
   TUTORIAL A QUICC-START
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com