Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACF451832-332 Datasheet(PDF) 2 Page - TDK Electronics

Part # ACF451832-332
Description  3-teminal Filters For signal line ACF series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACF451832-332 Datasheet(HTML) 2 Page - TDK Electronics

  ACF451832-332 Datasheet HTML 1Page - TDK Electronics ACF451832-332 Datasheet HTML 2Page - TDK Electronics ACF451832-332 Datasheet HTML 3Page - TDK Electronics ACF451832-332 Datasheet HTML 4Page - TDK Electronics ACF451832-332 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(1/4)
001-02 / 20110928 / e9613_acf.fm
• All specifications are subject to change without notice.
3-terminal Filters
For Signal Line
ACF Series ACF321825, ACF451832
FEATURES
• The ACF series consists of products with superior attenuation
characteristics, in which the T-type filter circuit is magnetically
shielded with ferrite.
• The series offers even greater attenuation characteristics when
used in a stable circuit on the ground.
• The ACF series is ideal for high-density circuit design, since the
series is vertically mounted and does not require much mounting
space.
• Available for reflow soldering.
• It is a product conforming to RoHS directive.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Type
(4) Packaging style
(5) TDK internal code
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
ACF
321825 - 223 - T
D
(1)
(2)
(3)
(4)
(5)
Operating/Storage
–25 to +85°C
Packaging style
Quantity
Taping
1000 pieces/reel
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ACF451832-332

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACF451832-332 ETC2-ACF451832-332 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
logo
TDK Electronics
ACF451832-332-T TDK-ACF451832-332-T Datasheet
66Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
logo
List of Unclassifed Man...
ACF451832-332-TD01 ETC2-ACF451832-332-TD01 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
ACF451832-332-TLD01 ETC2-ACF451832-332-TLD01 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
More results

Similar Description - ACF451832-332

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518-153-TD01 TDK-ACH4518-153-TD01 Datasheet
117Kb / 7P
   3-teminal Filters
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
   3-terminal Filters(SMD) For Signal Line
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
   3-terminal Filters(SMD) For Signal Line
ACF321825-101-TD01 TDK-ACF321825-101-TD01 Datasheet
82Kb / 4P
   3-terminal Filters(SMD) For Signal Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
MEM2012SC TDK-MEM2012SC Datasheet
165Kb / 4P
   3-terminal filters Signal line
MEM2012S TDK-MEM2012S Datasheet
161Kb / 4P
   3-terminal filters Signal line
MEM2012V TDK-MEM2012V Datasheet
175Kb / 4P
   3-terminal filters Signal line
MEM2012F TDK-MEM2012F Datasheet
166Kb / 4P
   3-terminal filters Signal line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com