Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN-A110 Datasheet(PDF) 2 Page - TDK Electronics

Part # CN-A110
Description  30W to 200W 60 to 160VDC Input DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CN-A110 Datasheet(HTML) 2 Page - TDK Electronics

  CN-A110 Datasheet HTML 1Page - TDK Electronics CN-A110 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
181
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A9: Jun 2012
CN-A110 Series
Outline Drawing CN30A to CN100A
Outline Drawing CN200A
For Additional Information, please visit
us.tdk-lambda.com/lp/products/cn-series.htm
CN100A110-24
INPUT:60-160V
2.5A
DC-DC
MADE IN JAPAN
OUTPUT:24V
4.2A
Voltage
Output
Maximum
Input
Efficiency (%)
Model
(V)
Current (A)
Power (W)
Current (A)
(100% load, 110VDC In)
CN30A110-5
5
6
30
0.34
83
CN50A110-5
5
10
50
0.55
84
CN100A110-5
5
20
100
1.08
85
CN200A110-5
5
40
200
2.16
85
CN30A110-12
12
2.5
30
0.34
84
CN50A110-12
12
4.2
50.4
0.55
86
CN100A110-12
12
8.4
100.8
1.05
88
CN200A110-12
12
16.7
200.4
2.09
88
CN30A110-15
15
2
30
0.34
84
CN50A110-15
15
3.4
51
0.55
86
CN100A110-15
15
6.7
100.5
1.05
88
CN200A110-15
15
13.4
201
2.1
88
CN30A110-24
24
1.3
31.2
0.34
84
CN50A110-24
24
2.1
50.4
0.55
86
CN100A110-24
24
4.2
100.8
1.05
88
CN200A110-24
24
8.4
201.6
2.11
88
Model Selector
MADE IN JAPAN
DC-DC
CN200A110-24
INPUT:60-160V
4A
OUTPUT:24V
8.4A


Similar Part No. - CN-A110

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN-A KOA-CN-A Datasheet
390Kb / 2P
   convex termination with scalloped corners resistor array
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
   50 & 100W 14.4 to 36VDC Input DC-DC Converters
More results

Similar Description - CN-A110

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
logo
TDK Electronics
CC15-2403SFP-E TDK-CC15-2403SFP-E Datasheet
309Kb / 2P
   Ultra Compact, 15W to 30W Single Output DC-DC Converters
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
   Single and Dual Output 20W to 30W DC-DC Converters
logo
Mean Well Enterprises C...
RQB150W3 MEANWELL-RQB150W3 Datasheet
164Kb / 8P
   150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter
2023-01-05
logo
Toppower Electronic Tec...
TP100DH TOPPOWER-TP100DH_V01 Datasheet
254Kb / 3P
   100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Artesyn Technologies
BXB75-48D3V3-2V5FL ARTESYN-BXB75-48D3V3-2V5FL Datasheet
58Kb / 3P
   60-75W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP100DH TOPPOWER-TP100DH_V02 Datasheet
780Kb / 3P
   100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
TDK Electronics
PH1200A280 TDK-PH1200A280 Datasheet
1Mb / 5P
   1200W, 200 to 425VDC Input DC-DC Converters
January 13th, 2023 V1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com