Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM3012 Datasheet(PDF) 6 Page - TDK Electronics

Part # SPM3012
Description  Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3012 Datasheet(HTML) 6 Page - TDK Electronics

Back Button SPM3012 Datasheet HTML 2Page - TDK Electronics SPM3012 Datasheet HTML 3Page - TDK Electronics SPM3012 Datasheet HTML 4Page - TDK Electronics SPM3012 Datasheet HTML 5Page - TDK Electronics SPM3012 Datasheet HTML 6Page - TDK Electronics SPM3012 Datasheet HTML 7Page - TDK Electronics SPM3012 Datasheet HTML 8Page - TDK Electronics SPM3012 Datasheet HTML 9Page - TDK Electronics SPM3012 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
(5/24)
INDUC
T
O
RS
001-01 / 20130527 / e531_spm.fm
• All specifications are subject to change without notice.
SPM series 
SPM3012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
(kHz)
DC resistance
(m
 )
Rated current(A)
Part No.
max.
typ.
(µH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
1.0
±20%
100
65
57
3.4
5.4
2.8
SPM3012T-1R0M
1.5
±20%
100
90
77
2.8
4.7
2.5
SPM3012T-1R5M
2.2
±20%
100
115
100
2.5
3.4
2.2
SPM3012T-2R2M
3.3
±20%
100
210
183
1.8
2.8
1.5
SPM3012T-3R3M
4.7
±20%
100
270
232
1.5
2.6
1.3
SPM3012T-4R7M
Measurement item
Product No.
Manufacturer
L
4284A
Agilent Technologies
DC resistance
AX-111A
ADEX
Rated current Idc1
4284A+42841A+42842C
Agilent Technologies


Similar Part No. - SPM3012

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3012 TDK-SPM3012 Datasheet
104Kb / 9P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
SPM3012T-1R0M TDK-SPM3012T-1R0M Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012T-1R0M TDK-SPM3012T-1R0M Datasheet
104Kb / 9P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012T-1R0M-LR TDK-SPM3012T-1R0M-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
More results

Similar Description - SPM3012

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120 Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012T-1R0M TDK-SPM3012T-1R0M_16 Datasheet
104Kb / 9P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM12565CT TDK-SPM12565CT Datasheet
573Kb / 5P
   Inductors for power circuits Wound metal SPM series
20220628
SPM4020-DZ TDK-SPM4020-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM5030-HZ TDK-SPM5030-HZ Datasheet
201Kb / 4P
   Inductors for power circuits Wound metal SPM-HZ series (for automotive)
20210423
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM6545VT-D TDK-SPM6545VT-D Datasheet
176Kb / 4P
   Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20190912
SPM12565VT-D TDK-SPM12565VT-D Datasheet
180Kb / 4P
   Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20221024
SPM5030VT-D TDK-SPM5030VT-D Datasheet
336Kb / 4P
   Inductors for power circuits Wound metal SPM-VT-D series (for automotive)
20210705
SPM7054VC-D TDK-SPM7054VC-D Datasheet
180Kb / 4P
   Inductors for power circuits Wound metal SPM-VC-D series (for automobiles)
20221003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com