Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLF1608T1R0M Datasheet(PDF) 1 Page - TDK Electronics

Part # GLF1608T1R0M
Description  SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GLF1608T1R0M Datasheet(HTML) 1 Page - TDK Electronics

  GLF1608T1R0M Datasheet HTML 1Page - TDK Electronics GLF1608T1R0M Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
003-02 / 20060721 / e531_glf1608.fm
• All specifications are subject to change without notice.
SMD Inductors(Coils)
For Power Line(Wound, Magnetic Shielded)
GLF Series GLF1608
FEATURES
• It delivers low Rdc with high Idc.
• It is lead-free compatible.
The product contains no lead whatsoever.
It is able to withstand high temperature reflows (260°C during
the peak) used in lead-free soldering.
• It is a product conforming to RoHS directive.
• It’s construction supports bulk mounting.
APPLICATIONS
Perfect coil for step-up and step-down circuits, and decoupling cir-
cuits for each set power supply circuit
• Portable audio visual devices (DSC, DVC, Audio, etc.)
• Mobile communication devices (cellular phones, LCD panel,
etc.)
• Information devices (TVs, DVDs, STBs, PCs, HDDs, etc.)
• Amusement devices (Video games, etc.)
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
PACKAGING STYLE AND QUANTITIES
ELECTRICAL CHARACTERISTICS
∗1 Rated Current Based on Inductance Variation: Current when inductance decreases by 10% of the initial value due to direct current superimposed
characteristics
∗2 Rated Current Based on Inductance Variation: Current when inductance decreases by 20% of the initial value due to direct current superimposed
characteristics
∗3 Rated Current Based on Increasing Product Temperature: Current when temperature of the product reaches +20°C
Test equipment
L: Agilent 4294A IMPEDANCE ANALYZER,or equivalent
Rdc: MATSUSHITA DIGITAL MILLOHM METER VP-2941A,or equivalent
Conformity to RoHS Directive
Operating temperature range
–40 to +105°C
[Including self-temperature rise]
Storage temperature range
–40 to +105°C
Preheating
100 to 150˚C/120s
140 to 180˚C/120s
30s
70s
Peak
200˚C
260˚C
230˚C
Withstanding soldering heat condition
Solderability condition
Natural
cooling
Time(s)
Packaging style
Quantity
Taping
4000 pieces/reel
1.6
±0.15
0.4
±0.15
0.4
±0.15
Weight:5mg
Dimensions in mm
0.8
+0.2
–0.1
Dimensions in mm
0.70
0.70
2.10
0.70
Part No.
Inductance
(µH)
Inductance tolerance
(%)
DC resistance
(
Ω)±30%
Rated current∗1
(mA)max.
Rated current∗2
(mA)max.
Rated current∗3
(mA)max.
GLF1608T1R0M
1.0
±20
0.17
125
220
400
GLF1608T2R2M
2.2
±20
0.33
75
160
275
GLF1608T4R7M
4.7
±20
0.55
70
115
220
GLF1608T100M
10.0
±20
0.70
50
90
180
GLF1608T220M
22.0
±20
3.00
35
60
100
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - GLF1608T1R0M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GLF1608T1R0M TDK-GLF1608T1R0M Datasheet
171Kb / 20P
   GLF,GLC Series
More results

Similar Description - GLF1608T1R0M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF5020T-1R8N2R0 TDK-VLCF5020T-1R8N2R0 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF4012AT-1R5M1R6 TDK-VLF4012AT-1R5M1R6 Datasheet
45Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010A TDK-VLF3010A Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLFC322522T-100K-PF TDK-NLFC322522T-100K-PF Datasheet
47Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010AT-2R2M1R0 TDK-VLF3010AT-2R2M1R0 Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS252012T-3R3MR99 TDK-VLS252012T-3R3MR99 Datasheet
49Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-2R2N TDK-VLC6045T-2R2N Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com