Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM4520-421-2P Datasheet(PDF) 6 Page - TDK Electronics

Part # ACM4520-421-2P
Description  Common Mode Filters For power line ACM series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM4520-421-2P Datasheet(HTML) 6 Page - TDK Electronics

  ACM4520-421-2P Datasheet HTML 1Page - TDK Electronics ACM4520-421-2P Datasheet HTML 2Page - TDK Electronics ACM4520-421-2P Datasheet HTML 3Page - TDK Electronics ACM4520-421-2P Datasheet HTML 4Page - TDK Electronics ACM4520-421-2P Datasheet HTML 5Page - TDK Electronics ACM4520-421-2P Datasheet HTML 6Page - TDK Electronics ACM4520-421-2P Datasheet HTML 7Page - TDK Electronics ACM4520-421-2P Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
• All specifications are subject to change without notice.
(5/7)
001-04 / 20130301 / e9713_acm
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM/RECOMMENDED PC BOARD PATTERN(REFLOW SOLDERING)
ACM7060 TYPE
ACM7060-301-2PL-TL01
ACM7060-701-2PL-TL01
ACM9070 TYPE
ACM9070-701-2PL-TL01
7.0±0.2
3.5max.
1
2
4
3
1.5±0.2
4.0typ.
1.5±0.2
4.0
2.5
2.5
Dimensions in mm
7.0±0.2
3.5max.
1
2
4
3
1.5±0.2
4.0typ.
1.5±0.2
Weight: 0.35g
Dimensions in mm
1
2
4
3
9.0±0.2
4.5max.
1
2
4
3
1.5±0.2
6.0typ.
1.5±0.2
Weight: 0.82g
Dimensions in mm
1
2
4
3
6.0
2.5
2.5
Dimensions in mm


Similar Part No. - ACM4520-421-2P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4520-421-2P-T000 TDK-ACM4520-421-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
More results

Similar Description - ACM4520-421-2P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM3225-102-2P-T TDK-ACM3225-102-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
   Common Mode Filters For power line
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1211-102-2PL-TL01 TDK-ACM1211-102-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1513-551-2PL-TLHF TDK-ACM1513-551-2PL-TLHF_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM4520V-142-2P-T00 TDK-ACM4520V-142-2P-T00 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACM4520V-231-2P-T00 TDK-ACM4520V-231-2P-T00 Datasheet
109Kb / 6P
   Common Mode Filters For Power Line
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com