Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7L4091 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7L4091 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Rev. 1.20
4
March 12, 2013
HT7L4091
Functional Description
TheHT7L4091isauniversalAC/DCconstantcurrent
LEDdriverdesignedforpeakcurrentmodecontrol.
ThedeviceprovidesbothLEDLinearandPWM
dimmingcurrentfunctions.Thehighinputvoltage
fromarectified85Vto260VACpowerisclamped
tounder25Vbyanexternalcircuitandaninternal
Zenerdiode.ThedevicealsocontainsaninputUnder-
Voltage-Lockout(UVLO)circuit.Whenthevoltage
suppliedontheVINpinexceedstheUVLOhigh
threshold,thegatedriverisenabled.Iftheinput
voltagefallsbelowtheUVLOlowthreshold,thegate
driveristurnedoff.
LED Current Control
The HT7L4091 device is a constant off-time
peak current mode controller.With reference to
theApplicationCircuit,theLEDpeakcurrentis
programmedbyanexternalcurrentsenseresistor(RCS)
connectedbetweentheCSandthegroundpins.The
CSpinisconnectedtoanon-invertingterminalof
aninternalcomparatorofwhichaninternal250mV
referenceistiedtotheinvertingterminal.TheLED
peakcurrentthroughtheRCSresistorwillgenerate
avoltagewhichisappliedonthecomparatornon-
invertingterminalandcomparewiththeinternal
250mVreferencevoltage.IfthevoltageontheCSpin
islessthantheinternalreferencevoltage250mV,the
LEDgatedrivingcircuitrywillbeturnedon.While
thevoltageontheCSpinislargerthantheinternal
referencevoltage,theLEDgatedrivingcircuitry
willbeturnedoffforaconstantTofftime.Afterthe
Tofftime,thegatedrivingcircuitrywillbeturnon
ifthevoltageontheCSpinislessthantheinternal
referencevoltage.Goodlineregulationisafeature
ofconstantoff-timeoperationandtheLEDcurrentis
independentoftheinputvoltage.Sincetheinductor
currentrippleisdependentontheLEDstringvoltage,
theLEDstringvoltagevariationwillresultinLED
currentvariation.Thisistypicallynotaproblemsince
theLEDvoltagevariationforagivenloadisfairly
small.
RCScanbecalculatedusingthefollowingequation:
LED
peak
CS
I
Ripple)
/
(
.
I
.
R
×
+
=
=
2
1
1
25
0
25
0
WhereIpeakistheMaximumLEDCurrent,Ripple
isthePeaktoPeakLEDCurrent,andILEDisthe
AverageLEDCurrent.Ripplecanbecontrolledby
theinductor.0
L
V
T
I
Ripple
I
out
off
Ripple
LED
×
=
=
×
Refer to “Inductor Design” for the inductor
calculation.Referto“ProgrammableOffTime”for
Toffcalculation.
Symbol
Description
Test Condition
Min.
Typ.
Max.
Unit
Tdelay
Delay from CS trip to GDR
VCS=VCS_TH+50mV
110
ns
VLD
Linear Dimming pin voltage range
0
VCS_TH
V
Tblank
Blanking interval
200
300
400
ns
Toff
Off time
RT=410kW
14.7
16.4
18.1
μs
VOL
GATE Output Low Level
VINDC=17V, Io=-20mA
0.3
V
VOH
GATE Output High Level
VINDC=17V, Io=20mA
12
V
Trise
Gate output rise time
CGATE=500pF
120
ns
Tfall
Gate output fall time
CGATE=500pF
50
ns
TOTP
Thermal shutdown temperature
140
∆TOTP
Thermal shutdown temperature hysteresis
25
∆fJitter
Switch frequency jitter ratio
±4
%
TJP
Jitter Period
fsw = 60kHz
4
ms
VCS-short
Short circuit protection Voltage
0.45
0.5
0.55
V
Note 3: Specifications are production tested at TA=room temperature. Specifications over the -40°C to 85°C
operating temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).


Similar Part No. - HT7L4091

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091 Datasheet
1Mb / 26P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
More results

Similar Description - HT7L4091

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091 Datasheet
1Mb / 26P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122 Datasheet
368Kb / 17P
   PWM Brightness Control
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com