Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKCA43X5R1H102M100AA Datasheet(PDF) 2 Page - TDK Electronics

Part # CKCA43X5R1H102M100AA
Description  CKC Series Commercial Grade 4 in 1 Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKCA43X5R1H102M100AA Datasheet(HTML) 2 Page - TDK Electronics

  CKCA43X5R1H102M100AA Datasheet HTML 1Page - TDK Electronics CKCA43X5R1H102M100AA Datasheet HTML 2Page - TDK Electronics CKCA43X5R1H102M100AA Datasheet HTML 3Page - TDK Electronics CKCA43X5R1H102M100AA Datasheet HTML 4Page - TDK Electronics CKCA43X5R1H102M100AA Datasheet HTML 5Page - TDK Electronics CKCA43X5R1H102M100AA Datasheet HTML 6Page - TDK Electronics CKCA43X5R1H102M100AA Datasheet HTML 7Page - TDK Electronics CKCA43X5R1H102M100AA Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 1
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_4array_en
SAFETY REMINDERS
REMINDERS
Please read before using this product
Notice : Effective January 2013, TDK will use a new catalog part number which adds product thickness and
packaging specification detail. This new part number should be referenced on all catalog orders going
forward, and is not applicable for OEM part number orders. Please be aware the last five digits of the TDK
catalog part number will differ from the TDK item description (internal control number) on the product label.
Contact your local TDK Sales representative for more information.
(Example)
Catalog Issued date
TDK Part Number (In Catalog)
TDK Item Description (On Delivery Label)
Prior to January 2013
C1608C0G1E103J
C1608C0G1E103JT000N
January 2013 and Later
C1608C0G1E103J080AA
C1608C0G1E103JT000N
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other damage,
you must contact our company’s sales window.
2.
We may modify products or discontinue production of a product listed in this catalog without prior notification.
3.
We provide “Delivery Specification” that explain precautions for the specifications and safety of each product
listed in this catalog. We strongly recommend that you exchange these delivery specifications with customers
that use one of these products.
4.
If you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according
to the “Foreign Exchange and Foreign Trade Control Law”. In such cases, it is necessary to acquire export
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from our
company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of our
company or a third party when you use a product listed in this catalog. We do not grant license of these rights.
7.
This catalog only applies to products purchased through our company or one of our company’s official agencies.
This catalog does not apply to products that are purchased through other third parties.
REMINDERS


Similar Part No. - CKCA43X5R1H102M100AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R1H102M100AA TDK-CKCA43X5R1H102M100AA_16 Datasheet
206Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCA43X5R1H102M100AA

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CKCL22X7R1H103M SAMWHA-CKCL22X7R1H103M Datasheet
738Kb / 10P
   CKC Series Commercial Grade 2 in 1 Array
logo
KODENSHI_AUK CORP.
ND102M4AL KODENSHI-ND102M4AL Datasheet
186Kb / 5P
   Antenna Switching Diode Array ( 4 in 1)
logo
TDK Electronics
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Switchcraft, Inc.
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Kemet Corporation
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com