Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R2K-C Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
Rev. 1.20
8
�a� �0� 201�
Rev. 1.20
9
�a� �0� 201�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Pin Name
Function
OPT
I/T
O/T
Description
CO�5/SEG26
CO�5
LCDC
C�OS
LCD common output
SEG26
LCD segment output
CO�6/SEG25
CO�6
LCDC
C�OS
LCD common output
SEG25
LCD segment output
CO�7/SEG24
CO�7
LCDC
C�OS
LCD common output
SEG24
LCD segment output
VAB
VAB
NS
LCD voltage pump
VC
VC
NS
LCD voltage pump
C1
C1
NS
LCD voltage pump
C2
C2
NS
LCD voltage pump
VOBGP
VOBGP
Band gap voltage output pin (for internal use)
VOREG
VOREG
PWR Regulator output �.�V
VOCHP
VOCHP
PWR Charge pump output
CHPC1
CHPC1
NS
Charge pump capacitor – Positive
CHPC2
CHPC2
NS
Charge pump capacitor – Negative
DOPAN
DOPAN
NS
OPA Negative input
DOPAP
DOPAP
NS
OPA Positive input
DOPAO
DOPAO
NS
OPA output
DCHOP
DCHOP
NS
OPA Chopper pin
TH/LB
TH
NS
Temperature sensor input
LB
NS
Low batter� voltage input
DSRR
DSRR
NS
Reference signal input
DSRC
DSRC
NS
Integrator negative input
DSCC
DSCC
NS
Comparator negative input
SIN
SIN
NS
Sine wave output
FVR
FVR
NS
Foot resistor channel
FVL
FVL
NS
Foot resistor channel
FIL
FIL
NS
Foot resistor channel
FIR
FIR
NS
Foot resistor channel
RF1
RF1
NS
Reference impedance channel
RF2
RF2
NS
Reference impedance channel
RFC
RFC
ADC analog input
T0
T0
OPAC output
CP0N
CP0N
NS
The inverting input of CP0
OP5N
OP5N
NS
The inverting input of OP5
OP5P
OP5P
NS
The non-inverting input of OP5
VDD
VDD
PWR
Power suppl�
VSS
VSS
PWR
Ground
AVDD
AVDD
PWR
Analog power suppl�
AVSS
AVSS
PWR
Analog ground
Note: I/T: Input type; O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option
ST: Schmitt Trigger input; CMOS: CMOS output; NMOS: NMOS output
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
NS: Non-standard input or output


Similar Part No. - HT45R2K-C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C HOLTEK-HT45R2K-C_15 Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R2K-C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C_15 Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com