Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R2K-C Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45R2K-C
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-C Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45R2K-C Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R2K-C Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
Rev. 1.20
10
�a� �0� 201�
Rev. 1.20
11
�a� �0� 201�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Absolute Maximum Ratings
Supply Voltage .....................................................................................................VSS -0.3V to +6.0V
Input Voltage .................................................................................................VSS -0.3V to VDD +0.3V
Storage Temperature ................................................................................................-50°C to +125°C
Operating Temperature ..............................................................................................-40°C to +85°C
IOL Total ................................................................................................................................. 150mA
IOH Total ................................................................................................................................-100mA
Total Power Dissipation .................................................................................................... 500mW
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum
Ratings” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
D.C. Characteristics
Operating Temperature: -40°C °C to 85°C Ta= 25°C T�pical
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
— fSYS= 4�Hz
2.2
5.5
V
— fSYS= 8�Hz
�.�
5.5
V
VLCD
LCD Highest Voltage
0
VDD
V
IDD1
Operating Current
(HXT� ERC�HIRC)
5V No load� fSYS= 8�Hz ADC off
4
8
mA
IDD2
Operating Current
(HXT� ERC�HIRC)
�V
No load� fSYS= 4�Hz ADC off
0.8
1.5
mA
5V
2.5
4.0
mA
IDD�
Operating Current
(HXT� ERC)
�V
No load� fSYS= 2�Hz ADC off
0.5
1.0
mA
5V
1.5
�.0
mA
IDD4
Operating Current
(HXT� ERC�HIRC)
5V
VOREG= �.�V� fSYS= 4�Hz ADC
on� ADC clock is 125kHz (all
other analog devices off)
5
mA
ISTB1
Standb� Current
�V No load� s�stem HALT� ADC�
LCD and WDT off
1
μA
5V
2
μA
ISTB2
Standb� Current
�V No load� s�stem HALT� ADC
and LCD off� WDT on
2.5
5.0
μA
5V
8
15
μA
ISTB�
Standb� Current
(Internal RC 12kHz)
�V No load� s�stem osc off� ADC
and WDT off
2
5
μA
5V
6
10
μA
ISTB4
Standb� Current
(Internal RC 12kHz)
5V No load� s�stem osc off� ADC and
WDT off LCD ON(1/� R t�pe)
�80
500
μA
ISTB5
Standb� Current
�V No load� s�stem HALT� LXT osc
slowl� start-up� WDTOSC off�
LXT on
5
μA
5V
15
μA
ISTB6
Standb� Current (LXT)
5V
No load� s�stem osc off� ADC and
WDT off� LCD on (1/� R t�pe)�
(LCD Bias current= 50μA)
�90
510
μA
ISTB7
Standb� Current
�V No load� Onl� vibration sensor
turn on&VIB pin connected a
0.1μF cap to VSS� WDT off
2
4
μA
5V
8
16


Similar Part No. - HT45R2K-C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C HOLTEK-HT45R2K-C_15 Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Similar Description - HT45R2K-C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R2K-C HOLTEK-HT45R2K-C_15 Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45F77 HOLTEK-HT45F77 Datasheet
7Mb / 203P
   Body Fat Scale Flash MCU
HT45F75 HOLTEK-HT45F75 Datasheet
8Mb / 190P
   Body Fat Scale Flash MCU
BH66F2650 HOLTEK-BH66F2650 Datasheet
8Mb / 223P
   Body Fat Measurment Flash MCU
logo
Cypress Semiconductor
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com