Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBZ5260BLT1 Datasheet(PDF) 3 Page - First Components International

Part # FMBZ5260BLT1
Description  Surface Mount Zener Diodes 225m WATTS SMALL SIGNAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBZ5260BLT1 Datasheet(HTML) 3 Page - First Components International

  FMBZ5260BLT1 Datasheet HTML 1Page - First Components International FMBZ5260BLT1 Datasheet HTML 2Page - First Components International FMBZ5260BLT1 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T Y P IC A L C HA R A C T E R IS T IC S
100
V Z, NOMINAL ZE NE R VOLTAG E (V)
F igure 5. Typical C apacitance
1000
100
10
1
10
1
B IA S A
T
50% OF V ZNOM
TA = 25C
0 V BIAS
1 V BIAS
12
V Z, ZE NE R VOLTAG E (V)
100
10
1
0.1
0.01
10
8
6
4
2
0
TA = 25C
V Z, ZE NE R VOLTAG E (V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25C
90
V Z, NOMINAL ZE NE R VOL
TAG E (V)
F igure 6. Typical L eakage C urrent
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150 C
+25 C
±55 C
F igure 7. Zener Voltage vers us Zener C urrent
(V Z Up to 12 V)
F igure 8. Zener Voltage vers us Zener C urrent
(12 V to 91 V )
V
V ZZ, NOMINAL ZE NE R VOL
TTAG E (V)
AG E (V)
±3
±3
±2
±2
±1
±1
00
11
22
33
44
55
66
77
88
12
12
11
11
10
10
99
88
77
66
55
44
33
22
F igure1
F igure1 Temperature C oefficients
(Temperature R ange±555C~+150C)
T Y P IC A L
T Y P IC A L TTCC VVAL UE S
A L UE S
F OR FMB Z5221B L
F OR MMB Z5221B LT 1 S E R IE S
T 1 S E R IE S
V
VZZ @ I
@ I ZT
ZT
100
100
10
10
11
10
10
100
100
V
V ZZ, NOMINAL ZE NE R VOL
, NOMINAL ZE NE R VOLTTAG E (V)
AG E (V)
F igure 2. T
F igure 2. Temperature C oefficients
emperature C oefficients
(T
(Temperature R ange ±
emperature R ange ± 55
55 C to +150
C to +150 C )
C )
T Y P IC A L
T Y P IC A L TTCC VVAL UE S
A L UE S
F ORFMB Z5221B L
F OR MMB Z5221B LT 1 S E R IE S
T 1 S E R IE S
V
VZZ @ I
@ I ZT
ZT
(Temperature R ange±555C~+150C)
100
VZ, NOMINAL ZE NE R VOLTAG E
F igure3.E ffect of Zener Voltage on Zener Impedance
10
1
1000
100
10
1
T J = 25 C
IZ(AC) = 0.1 I
Z( DC )
f = 1 kHz
IZ = 1 mA
5 mA
20 mA
V F, FORWAR D VOLTAG E (V)
F igure 4. Typical F orward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 V (FMB Z5267B L
T 1)
91 V (FMB Z5270B L
T 1)
150 C
75 C 25 C
0 C


Similar Part No. - FMBZ5260BLT1

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBZ5223B FCI-FMBZ5223B Datasheet
287Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - FMBZ5260BLT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BZX84B2V0 WEITRON-BZX84B2V0 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
   Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
   Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
   Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
   Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
   Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
   Surface Mount Small Signal Diodes
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com