Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49RA0-6 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT49RA0-6
Description  Remote Type 8-Bit MCU with LCD
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RA0-6 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT49RA0-6 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49RA0-6 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49RA0-6 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49RA0-6 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49RA0-6 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49RA0-6 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49RA0-6 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49RA0-6 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49RA0-6 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
HT49RA0-6
Rev. 1.10
7
February 18, 2013
Functional Description
Execution Flow
The main system clock is derived from either an external
crystal oscillator which requires the connection of the
external crystal or resonator or an internal RC oscillator
which requires no external component for its operation.
It is internally divided into four non-overlapping clocks.
One instruction cycle consists of four system clock cy-
cles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute within one cycle. If an instruc-
tion changes the program counter, two cycles are
required to complete the instruction.
Program Counter - PC
The program counter (PC) is 11 bits wide and controls
the sequence in which the instructions stored in the pro-
gram ROM are executed. The contents of the PC can
specify a maximum of 2048 addresses.
After accessing a program memory word to fetch an in-
struction code, the value of the PC is incremented by
one. The PC then points to the memory word containing
the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading a PCL register, a subroutine call, an ini-
tial reset, an internal interrupt, an external interrupt, or
returning from a subroutine, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get a proper instruction; oth-
erwise proceed with the next instruction.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
I n s t r u c t i o n C y c l e
P C
Execution Flow
Mode
Program Counter
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
00000000000
External Interrupt 0
00000000100
External Interrupt 1
00000001000
Timer/Event Counter overflow
00000001100
Time Base Interrupt
00000010000
RTC Interrupt
00000010100
Skip
Program Counter + 2
Loading PCL
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return From Subroutine
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*10~*0: Program counter bits
S10~S0: Stack register bits
#10~#0: Instruction code bits
@7~@0: PCL bits


Similar Part No. - HT49RA0-6

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA0 HOLTEK-HT49RA0 Datasheet
294Kb / 39P
   Remote Type 8-Bit MCU with LCD
HT49RA0 HOLTEK-HT49RA0_14 Datasheet
352Kb / 40P
   Remote Type 8-Bit MCU with LCD
More results

Similar Description - HT49RA0-6

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA1 HOLTEK-HT49RA1 Datasheet
464Kb / 58P
   Remote Type 8-Bit MCU with LCD
HT49RA0 HOLTEK-HT49RA0_14 Datasheet
352Kb / 40P
   Remote Type 8-Bit MCU with LCD
HT49RA1 HOLTEK-HT49RA1_14 Datasheet
509Kb / 57P
   Remote Type 8-Bit MCU with LCD
HT49RA0 HOLTEK-HT49RA0 Datasheet
294Kb / 39P
   Remote Type 8-Bit MCU with LCD
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com