Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66FB540 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT66FB540
Description  A/D Flash USB 8-Bit MCU with SPI
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB540 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT66FB540 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66FB540 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66FB540 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66FB540 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66FB540 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66FB540 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FB540 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66FB540 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66FB540 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 245 page
background image
Rev. 1.00
8
���i� 0�� �01�
Rev. 1.00
9
���i� 0�� �01�
HT66FB540/HT66FB550/HT66FB560
A/D Flash USB 8-Bit MCU with SPI
HT66FB540/HT66FB550/HT66FB560
A/D Flash USB 8-Bit MCU with SPI
Features
CPU Features
• Operatingvoltage
VDD(MCU):
fSYS=4MHz/6MHz:2.2V~5.5V
fSYS=12MHz:2.7V~5.5V
VDD(USBmode):
fSYS=6MHz/12MHz:3.3V~5.5V
fSYS=16MHz:4.5V~5.5V
• Upto0.25μsinstructioncyclewith16MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Fouroscillators
ExternalCrystal–HXT
External32.768kHzCrystal–LXT
InternalRC–HIRC
Internal32kHzRC–LIRC
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstructions
• 63powerfulinstructions
• Upto12-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:4K×16~16K×16
• RAMDataMemory:512×8~1024×8
• USB2.0FullSpeedcompatible
• Upto8endpointssupportedincludingendpoint0
• Allendpointsexceptendpoint0cansupportinterruptandbulktransfer
• Allendpointsexceptendpoint0canbeconfiguredas8,16,32,64bytesFIFOsize
• Endpoint0supportcontroltransfer
• Endpoint0has8byteFIFO
• Support3.3VLDOandinternalUDP1.5kΩpull-upresistor
• Internal12MHzRCOSCwith0.25%accuracyforallUSBmodes
• WatchdogTimerfunction
• Upto45bidirectionalI/Olines
• Dualpin-sharedexternalinterrupts


Similar Part No. - HT66FB540

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FB50 HOLTEK-HT66FB50 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66FB50 HOLTEK-HT66FB50 Datasheet
240Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU
HT66FB570 HOLTEK-HT66FB570 Datasheet
7Mb / 248P
   A/D Flash USB MCU
HT66FB572 HOLTEK-HT66FB572 Datasheet
9Mb / 288P
   USB RGB LED Flash MCU
HT66FB574 HOLTEK-HT66FB574 Datasheet
9Mb / 288P
   USB RGB LED Flash MCU
More results

Similar Description - HT66FB540

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A623R HOLTEK-HT82A623R_11 Datasheet
6Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT82A623R HOLTEK-HT82A623R Datasheet
1Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT66F0182 HOLTEK-HT66F0182 Datasheet
6Mb / 116P
   A/D 8-Bit Flash MCU
HT66FB30 HOLTEK-HT66FB30 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66FB570 HOLTEK-HT66FB570 Datasheet
7Mb / 248P
   A/D Flash USB MCU
HT66FB582 HOLTEK-HT66FB582 Datasheet
13Mb / 255P
   A/D Flash USB MCU
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F0172 HOLTEK-HT66F0172 Datasheet
4Mb / 115P
   Enhanced A/D Flash 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com