Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66FB70A Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66FB70A
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM and USB Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB70A Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66FB70A Datasheet HTML 3Page - Holtek Semiconductor Inc HT66FB70A Datasheet HTML 4Page - Holtek Semiconductor Inc HT66FB70A Datasheet HTML 5Page - Holtek Semiconductor Inc HT66FB70A Datasheet HTML 6Page - Holtek Semiconductor Inc HT66FB70A Datasheet HTML 7Page - Holtek Semiconductor Inc HT66FB70A Datasheet HTML 8Page - Holtek Semiconductor Inc HT66FB70A Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FB70A Datasheet HTML 10Page - Holtek Semiconductor Inc HT66FB70A Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Rev. 1.00
6
�ove��e� ��� �01�
Rev. 1.00
7
�ove��e� ��� �01�
HT66FB60A/HT66FB70A
Enhanced A/D Flash Type 8-Bit MCU with EEPROM and USB Interface
HT66FB60A/HT66FB70A
Enhanced A/D Flash Type 8-Bit MCU with EEPROM and USB Interface
PH0/TP0/TP0B/A�0/VREF/C0X
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PF1/A�11/C1P
PF0/A�10/C1�
PE7/A��/I�T1
PE6/A�8/I�T0
PF6
VSS
VDD
PB4/XT�
PB3/XT1
VSS�
PB1/OSC1
PB�/OSC�
PF4
PF3
PE5/TP3/TP3B
39
38
37
36
35
34
33
40
41
42
43
44
45
46
47
48
PG4/TP4/TP4B/TP4I
PG3/TP4/TP4B/TP4I
PG�/TCK4
PC3/PI�T/TP�/TP�B/TP�I/C1X
PC�/PCK/TCK�/C0X
PH5/SDOA
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
HT66FB60A/HT66FB70A
64 LQFP-A
UDP
V33O
�C
�C
�C
�C
�C
�C
UD�
VDDU
PF1/A�11/C1P
PF0/A�10/C1�
PE7/A��/I�T1
PE6/A�8/I�T0
VSS
VDD
PB4/XT�
PB3/XT1
VSS�
PB1/OSC1
PB�/OSC�
PE5/TP3/TP3B
PD4/TP�/TP�B/TP�I
PC3/PI�T/TP�/TP�B/TP�I/C1X
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
27
26
25
28
29
30
31
32
33
34
35
36
48 47 46 45 44 43 42 41 40 39 38 37
HT66VB60A/HT66VB70A
48 LQFP-A
UDP
V33O
�C
�C
�C
�C
�C
�C
UD�
VDDU


Similar Part No. - HT66FB70A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FB30 HOLTEK-HT66FB30 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66FB30 HOLTEK-HT66FB30_12 Datasheet
240Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU
HT66FB40 HOLTEK-HT66FB40 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66FB40 HOLTEK-HT66FB40 Datasheet
240Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU
HT66FB50 HOLTEK-HT66FB50 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
More results

Similar Description - HT66FB70A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FB30 HOLTEK-HT66FB30 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66FU60A HOLTEK-HT66FU60A Datasheet
3Mb / 23P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com