Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7022A-3 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7022A-3
Description  TinyPowerTM Voltage Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7022A-3 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7022A-3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7022A-3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7022A-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7022A-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7022A-3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7022A-3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7022A-3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7022A-3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7022A-3 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Rev. 1.00
9
April 18, 2013
HT70xxA-3
5V Power Line Monitoring Circuit
Generally,aminimumoperatingvoltageof4.5V
is guaranteed in a 5V power line system. The
HT7044A-3isrecommendedforuseas5Vpowerline
monitoringcircuit.
• 5Vpowerlinemonitorwithpower-onreset
HT 7044A -3
V SS
V DD
V SS
C
V OU T
5V P ow er l in e
D
R
• with5Vvoltageregulator
HT 7044A -3
V SS
V DD
HT 7150- 3
V OU T
V IN
GN D
5V
5V V ol t age r egul at or
Change of Detectable Voltage
Iftherequiredvoltageisnotfoundinthestandard
productselectiontable,itispossibletochangeitby
usingexternalresistancedividersordiodes.
• Varyingthedetectablevoltagewitharesistance
divider
HT 70xxA -3
V SS
V IN
V SS
V OU T
V DD
R A
R B
Detectablevoltage=(RA+RB)/RB×VDET
Hysteresiswidth=(RA+RB)/RB×VHYS
• Varyingthedetectablevoltagewithadiode
HT 70xxA -3
V DD
V IN
V SS
Vf 1
Vf 2
V OU T
V SS
Detectablevoltage=Vf1+Vf2+VDET
Malfunction Analysis
Thefollowingcircuitdemonstratesthewayacircuitanalyzes
malfunctionsbymonitoringthevariationorspikenoiseofpower
supplyvoltage.
HT 70xxA -3
V OU T
V SS
V DD
V SS
Charge Monitoring Circuit
The following circuit shows a charged monitor
for protection against battery deterioration by
overcharging.Whenthevoltageofthebatteryis
higherthanthesetdetectablevoltage,thetransistor
turnsontobypassthechargecurrent,protectingthe
batteryfromovercharging.
HT 70xxA -3
V DD
V OU T
V SS
Load
BA TT
So la r
Ce ll
Tr


Similar Part No. - HT7022A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-1 HOLTEK-HT7022A-1 Datasheet
161Kb / 16P
   TinyPower Voltage Detector
HT7022A-1 HOLTEK-HT7022A-1 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
More results

Similar Description - HT7022A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-2 HOLTEK-HT70XXA-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-1 HOLTEK-HT70XXA-1_13 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com