Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7039A-1 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7039A-1
Description  TinyPowerTM Voltage Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7039A-1 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7039A-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7039A-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7039A-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7039A-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7039A-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7039A-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7039A-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7039A-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7039A-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HT7027A-1
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
DetectionVoltage
¾
¾
2.619
2.700
2.781
V
VHYS
Hysteresis Width
¾
¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
OperatingCurrent
3.7V
Noload
¾
3
6
mA
VDD
OperatingVoltage
¾
¾
1.5
¾
24
V
IOL
OutputSinkCurrent
2V
VOUT=0.2V
0.5
1
¾
mA
TemperatureCoefficient
¾
-40
°C<Ta<85°C
¾
±0.9
¾
mV/
°C
HT7033A-1
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
DetectionVoltage
¾
¾
3.201
3.300
3.399
V
VHYS
Hysteresis Width
¾
¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
OperatingCurrent
4.3V
Noload
¾
3
6
mA
VDD
OperatingVoltage
¾
¾
1.5
¾
24
V
IOL
OutputSinkCurrent
2.5V
VOUT=0.25V
1.2
2.5
¾
mA
TemperatureCoefficient
¾
-40
°C<Ta<85°C
¾
±0.9
¾
mV/
°C
HT7039A-1
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
DetectionVoltage
¾
¾
3.783
3.900
4.017
V
VHYS
Hysteresis Width
¾
¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
OperatingCurrent
4.9V
Noload
¾
3
6
mA
VDD
OperatingVoltage
¾
¾
1.5
¾
24
V
IOL
OutputSinkCurrent
2.5V
VOUT=0.25V
1.2
2.5
¾
mA
TemperatureCoefficient
¾
-40
°C<Ta<85°C
¾
±0.9
¾
mV/
°C
HT70xxA-1
Rev.2.00
4
April30,2013
D
V D E T
D
T a
D
V D E T
D
T a
D
V D E T
D
T a


Similar Part No. - HT7039A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7039A-1 HOLTEK-HT7039A-1 Datasheet
161Kb / 16P
   TinyPower Voltage Detector
More results

Similar Description - HT7039A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-3 HOLTEK-HT70XXA-3 Datasheet
1Mb / 15P
   TinyPowerTM Voltage Detector
HT70XXA-2 HOLTEK-HT70XXA-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com