Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7033A-3 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7033A-3
Description  TinyPowerTM Voltage Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7033A-3 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7033A-3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7033A-3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7033A-3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7033A-3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7033A-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7033A-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7033A-3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7033A-3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7033A-3 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev. 1.00
7
April 18, 2013
HT70xxA-3
Functional Description
TheHT70xxA-3seriesisasetofvoltagedetectors
equippedwithahighstabilityvoltagereferencewhich
isconnectedtothenegativeinputofacomparator
denotedasVREFinthefollowingfigureforNMOS
outputvoltagedetector.
When the voltage drop to the positive input of
thecomparator(i,e,VB)ishigherthanVREF,VOUT
goeshigh,M1turnsoff,andVBisexpressedas
VBH=VDD×(RB+RC)/(RA+RB+RC).IfVDDisdecreasedso
thatVBfallstoavaluelessthanVREF,thecomparator
outputinvertsfromhightolow,VOUTgoeslow,VCis
high,M1turnson,RCisbypassed,andVBbecomes:
VBL=VDD×RB/(RA+RB),whichislessthanVBH.Byso
doing,thecomparatoroutputwillstaylowtoprevent
thecircuitfromoscillatingwhenVB≈VREF.
IfVDDfallsbelowtheminimumoperatingvoltage,the
outputbecomesundefined.WhenVDDgoesfromlow
toVDD×RB/(RA+RB)>VREF,thecomparatoroutputand
VOUTgoeshigh.
Thedetectablevoltageisdefinedas:
VDET(−)=(RA+RB+RC)/(RB+RC)×VREF
Thereleasevoltageisdefinedas:
VDET(+)=(RA+RB)/RB×VREF
Thehysteresiswidthis:
VHYS=VDET(+)−VDET(−)
V SS
V DD
R A
R B
R C
M1
MN
Co mp ar at or
V OU T
RL
V RE F
V B
V C
NMOS Output Voltage Detector
ThefiguredemonstratestheNMOSoutputtypewith
positiveoutputpolarity(VOUTisnormallyopen,active
low).TheHT70xxA-3seriesalsosuppliesoptions
for other output types with active high outputs.
Applicationcircuitsshownareexamplesofpositive
outputpolarity(normallyopen,activelow)unless
otherwisespecified.


Similar Part No. - HT7033A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7033A-1 HOLTEK-HT7033A-1 Datasheet
161Kb / 16P
   TinyPower Voltage Detector
HT7033A-1 HOLTEK-HT7033A-1 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
HT7033A-2 HOLTEK-HT7033A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT7033A-2 HOLTEK-HT7033A-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
More results

Similar Description - HT7033A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-2 HOLTEK-HT70XXA-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-1 HOLTEK-HT70XXA-1_13 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com