Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7039A-2 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7039A-2
Description  TinyPowerTM Voltage Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7039A-2 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7039A-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HT70xxA-2
Rev. 1.20
9
December 14, 2012
Level Selector
The following diagram illustrates a logic level selector.
V D D
H T 7 0 5 0 A - 2
V O U T
H T 7 0 8 2 A - 2
V O U T
V S S
V O U T
V D E T 1
V D E T 2
V D D
V D E T 1
V D E T 2
V O U T
t
t
8 . 2 V
5 . 0 V


Similar Part No. - HT7039A-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7039A-2 HOLTEK-HT7039A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
More results

Similar Description - HT7039A-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-3 HOLTEK-HT70XXA-3 Datasheet
1Mb / 15P
   TinyPowerTM Voltage Detector
HT70XXA-1 HOLTEK-HT70XXA-1_13 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com