Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7127-1 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7127-1
Description  30mA Low Power LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7127-1 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7127-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7127-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7127-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7127-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7127-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7127-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7127-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7127-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7127-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HT7130-1, +3.0V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
5V
IOUT=10mA
2.91
3.00
3.09
V
IOUT
Output Current
5V
¾
20
30
¾
mA
DVOUT
Load Regulation
5V
1mA
£IOUT£20mA
¾
60
100
mV
VDIF
Voltage Drop (Note)
¾
IOUT=1mA,
DVOUT=2%
¾
100
¾
mV
ISS
Current Consumption
5V
No load
¾
2.5
4.0
mA
Line Regulation
¾
4V
£VIN£24V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
24
V
Temperature Coefficient
5V
IOUT=10mA
-40
°C<Ta<85°C
¾±0.45
¾
mV/
°C
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the
output voltage from the value at VIN =VOUT+2V with a fixed load.
HT7133-1, +3.3V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
5.5V
IOUT=10mA
3.201
3.300
3.399
V
IOUT
Output Current
5.5V
¾
20
30
¾
mA
DVOUT
Load Regulation
5.5V
1mA
£IOUT£30mA
¾
60
100
mV
VDIF
Voltage Drop (Note)
¾
IOUT=1mA,
DVOUT=2%
¾
100
¾
mV
ISS
Current Consumption
5.5V
No load
¾
2.5
4.0
mA
Line Regulation
¾
4.5V
£VIN£24V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
24
V
Temperature Coefficient
5.5V
IOUT=10mA
-40
°C<Ta<85°C
¾±0.5
¾
mV/
°C
Note:
Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the
output voltage from the value at VIN =VOUT+2V with a fixed load.
HT71xx-1
Rev. 2.10
5
April 30, 2013
D V O U T
D V I N ´ V O U T
D V O U T
D T a
D V O U T
D T a
D V O U T
D V I N ´ V O U T


Similar Part No. - HT7127-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7127-2 HOLTEK-HT7127-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT7127-3 HOLTEK-HT7127-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
More results

Similar Description - HT7127-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
   Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
   42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com