Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7130-1 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7130-1
Description  30mA Low Power LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7130-1 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7130-1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7130-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7130-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7130-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7130-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7130-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7130-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7130-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7130-1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Block Diagram
Pin Assignment
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 26V
Storage Temperature ...........................
-50°Cto125°C
Operating Temperature ..........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Thermal Information
Symbol
Parameter
Package
Max.
Unit
qJA
Thermal Resistance
(Junction to Ambient)
(Assume no ambient airflow,
no heat sink)
SOT23-5
500
°C/W
SOT89
200
°C/W
TO92
200
°C/W
PD
Power Dissipation
SOT23-5
0.20
W
SOT89
0.50
W
TO92
0.50
W
Note: PD is measured at Ta= 25
°C
HT71xx-1
Rev. 2.10
2
April 30, 2013
T O 9 2
G N D
V I N
V O U T
S O T 8 9
V O U T
G N D V I N
7 1 x x - 1
F r o n t V i e w
V i d e V i e w
S O T 2 3 - 5
G N D
V I N
V O U T
G N D
V I N
V O U T
7 1 x x - 1
1 x x 1
N C
N C
T o p V i e w
G N D
V I N
V O U T
V O U T
V I N
G N D
V r e f


Similar Part No. - HT7130-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7130-1 HOLTEK-HT7130-1 Datasheet
148Kb / 14P
   30mA Voltage Regulator
More results

Similar Description - HT7130-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
   Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
   42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com