Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216C0G2E332K085AA Datasheet(PDF) 5 Page - TDK Electronics

Part # C3216C0G2E332K085AA
Description  C Series Commercial Grade Mid Voltage (100 to 630V)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216C0G2E332K085AA Datasheet(HTML) 5 Page - TDK Electronics

  C3216C0G2E332K085AA Datasheet HTML 1Page - TDK Electronics C3216C0G2E332K085AA Datasheet HTML 2Page - TDK Electronics C3216C0G2E332K085AA Datasheet HTML 3Page - TDK Electronics C3216C0G2E332K085AA Datasheet HTML 4Page - TDK Electronics C3216C0G2E332K085AA Datasheet HTML 5Page - TDK Electronics C3216C0G2E332K085AA Datasheet HTML 6Page - TDK Electronics C3216C0G2E332K085AA Datasheet HTML 7Page - TDK Electronics C3216C0G2E332K085AA Datasheet HTML 8Page - TDK Electronics C3216C0G2E332K085AA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
• All specifications are subject to change without notice.
EIA CC0603 [C1608]
0.80 mm
C0G
CH
JB
X5R
X7R
X7S
2E
(250V)
2A
(100V)
2E
(250V)
2A
(100V)
2A
(100V)
2A
(100V)
2A
(100V)
2A
(100V)
010
1R5
020
2R2
030
3R3
040
4R7
050
060
6R8
070
080
090
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
222
332
472
682
103
153
223
333
473
683
104
1
1.5
2
2.2
3
3.3
4
4.7
5
6
6.8
7
8
9
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1,000
1,200
1,500
2,200
3,300
4,700
6,800
10,000
15,000
22,000
33,000
47,000
68,000
100,000
Capacitance
Range Chart
Standard Thickness
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB ( ±10%), X5R (±15%), X7R (±15%), X7S (±22%)
Rated Voltage: 250V (2E), 100V (2A)
Capacitance
(pF)
Code
Tolerance
C: ± 0.25pF
D: ± 0.50pF
F: ± 1%
G: ± 2%
J: ± 5%
K: ± 10%
M: ± 20%
Page 4
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_midvoltage_en


Similar Part No. - C3216C0G2E332K085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216C0G2E332K085AA TDK-C3216C0G2E332K085AA Datasheet
187Kb / 3P
   Multilayer Ceramic Chip Capacitors
C3216C0G2E332K085AA TDK-C3216C0G2E332K085AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C3216C0G2E332K085AA TDK-C3216C0G2E332K085AA_17 Datasheet
187Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216C0G2E332K085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R2A225M TDK-C3225X7R2A225M Datasheet
132Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A101J050BA TDK-C1005CH2A101J050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A121K050BA TDK-C1005CH2A121K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A151K050BA TDK-C1005CH2A151K050BA Datasheet
130Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A391K050BA TDK-C1005CH2A391K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005CH2A471K050BA TDK-C1005CH2A471K050BA Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A102M050BB TDK-C1005X7S2A102M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332K050BB TDK-C1005X7S2A332K050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A332M050BB TDK-C1005X7S2A332M050BB Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C1005X7S2A472M050BB TDK-C1005X7S2A472M050BB Datasheet
139Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com