Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7530-3 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT7530-3
Description  100mA Low Power LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7530-3 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT7530-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7530-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7530-3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7530-3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7530-3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7530-3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7530-3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7530-3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7530-3 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev. 1.00
11
April 18, 2013
HT75xx-3
Typical Performance Characteristic
TestCondition:Vin=Vout+2V,Iout=10mA,TJ=25ºC,unlessotherwisenoted
Output Voltage vs Input Voltage
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
5
10
15
20
25
30
Input Voltage(V)
HT7533-3
Iout=10mA
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
6
10
14
18
22
26
30
Input Voltage (V)
HT7550-3
Iout=10mA
Quiescent Current (Iout=0mA) vs Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7533-3
Vin=5.3V
Vin=30V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7550-3
Vin=7V
Vin=30V
Output Voltage vs Temperature
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7533-3
Io=10mA
Io=30mA
Io=80mA
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7550-3
Io=10mA
Io=30mA
Io=80mA
Io=120mA
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7533-3
Vin=5.3V
Vin=30V
`
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature(OC)
HT7550-3
Vin=7V
Vin=30V


Similar Part No. - HT7530-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7530-1 HOLTEK-HT7530-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT7530-1 HOLTEK-HT7530-1 Datasheet
85Kb / 4P
   100mA Voltage Regulator
HT7530-1 HOLTEK-HT7530-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7530-1 HOLTEK-HT7530-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7530-1 HOLTEK-HT7530-1 Datasheet
159Kb / 14P
   HT75XX-1 100mA Low Power LDO
More results

Similar Description - HT7530-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com