Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7590-3 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7590-3
Description  100mA Low Power LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7590-3 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7590-3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7590-3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7590-3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7590-3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7590-3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7590-3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7590-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7590-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7590-3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 1.00
1
April 18, 2013
Rev. 1.00
PB
April 18, 2013
HT75xx-3
100mA Low Power LDO
Features
• Lowpowerconsumption
• Lowvoltagedrop
• Lowtemperaturecoefficient
• Highinputvoltage(upto30V)
• Quiescentcurrent1μA
• Highoutputcurrent:100mA
• Outputvoltageaccuracy:tolerance±2%
• TO92,SOT89andSOT23-5packages
Applications
• Battery-poweredequipment
• Communicationequipment
• Audio/Videoequipment
General Description
The HT75xx-3 series is a set of three-terminal
low power high voltage implemented in CMOS
technology.Theycandeliver100mAoutputcurrent
andallowaninputvoltageashighas30V.Theyare
availablewithseveralfixedoutputvoltagesranging
from2.1Vto12.0V.CMOStechnologyensureslow
voltagedropandlowquiescentcurrent.
Although designed primarily as fixed voltage
regulators,thesedevicescanbeusedwithexternal
componentstoobtainvariablevoltagesandcurrents.
Selection Table
Part No.
Output Voltage
Package
Marking
HT7521-3
2.1V
TO92
SOT89
SOT23-5
75xx-3 (for TO92)
75xx-3 (for SOT89)
5xx3 (for SOT23-5)
HT7523-3
2.3V
HT7525-3
2.5V
HT7527-3
2.7V
HT7530-3
3.0V
HT7533-3
3.3V
HT7536-3
3.6V
HT7540-3
4.0V
HT7544-3
4.4V
HT7550-3
5.0V
HT7560-3
6.0V
HT7570-3
7.0V
HT7580-3
8.0V
HT7590-3
9.0V
HT75A0-3
10.0V
HT75C0-3
12.0V
Note:″xx″standsforoutputvoltages.


Similar Part No. - HT7590-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7590-1 HOLTEK-HT7590-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7590-1 HOLTEK-HT7590-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7590-2 HOLTEK-HT7590-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
HT7590-2 HOLTEK-HT7590-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
HT7590-7 HOLTEK-HT7590-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
More results

Similar Description - HT7590-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com