Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31851 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX31851
Description  Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31851 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX31851 Datasheet HTML 1Page - Maxim Integrated Products MAX31851 Datasheet HTML 2Page - Maxim Integrated Products MAX31851 Datasheet HTML 3Page - Maxim Integrated Products MAX31851 Datasheet HTML 4Page - Maxim Integrated Products MAX31851 Datasheet HTML 5Page - Maxim Integrated Products MAX31851 Datasheet HTML 6Page - Maxim Integrated Products MAX31851 Datasheet HTML 7Page - Maxim Integrated Products MAX31851 Datasheet HTML 8Page - Maxim Integrated Products MAX31851 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MAX31850/MAX31851
Cold-Junction Compensated, 1-Wire
Thermocouple-to-Digital Converters
General Description
The MAX31850/MAX31851 cold-junction compensat-
ed, 1-WireM thermocouple-to-digital converters perform
cold-junction compensation and digitize the signal from
a K-, J-, N-, T-, S-, R-, or E-type thermocouple. The con-
verters resolve temperatures to 0.25NC, allow readings
as high as +1768NC and as low as -270NC, and exhibit
thermocouple accuracy of 8 LSBs (2NC) for temperatures
ranging from -200NC to +700NC.
Communication with the master microcontroller is over a
1-Wire bus that by definition requires only one data line
(and ground) for communication. Operating power can
be obtained directly from the data line (“parasite power”),
eliminating the need for an external power supply.
Each device has a unique 64-bit serial code, which
allows multiple units to function on the same 1-Wire bus.
Therefore, it is simple to use one microcontroller (the
master device) to monitor temperature from many ther-
mocouples distributed over a large area.
Four location address inputs simplify mapping of
individual units to specific locations.
Features
S
Cold-Junction Compensation
S
14-Bit, 0.25NC Resolution
S
Versions Available for K-, J-, N-, T-, S-, R-, and
E-Type Thermocouples (see Table 1)
S
1-Wire Interface (Read-Only); Power Can Be
Obtained from Interface (Parasite-Powered Mode)
S
Detects Thermocouple Shorts to GND or VDD
S
Detects Open Thermocouple
Applications
Industrial
Appliances
HVAC
Medical
Block Diagram
19-6725; Rev 0; 6/13
Ordering Information appears at end of data sheet.
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
For related parts and recommended products to use with this part, refer to: www.maximintegrated.com/MAX31850.related
EVALUATION KIT AVAILABLE
MAX31850
MAX31851
64-BIT ROM
AND
1-Wire PORT
ADC
PARASITE-
POWER
CIRCUIT
CPP
DQ
VDD
GND
MEMORY
CONTROL LOGIC
COLD-JUCTION
COMPENSATION
FAULT
DETECTION
REFERENCE
VOLTAGE
POWER-
SUPPLY
SENSE
ADDRESS PIN INPUT
AD0 AD1 AD2 AD3
SCRATCHPAD
S5
S1
S3
T+
T-
S2
S4
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - MAX31851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3185 MAXIM-MAX3185 Datasheet
64Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs
19-1076; Rev 0; 9/96
MAX31850EVKIT MAXIM-MAX31850EVKIT Datasheet
1Mb / 13P
   MAX31850/MAX31851 Evaluation Kit
Rev 0; 7/13
MAX31850EVKIT# MAXIM-MAX31850EVKIT# Datasheet
1Mb / 13P
   MAX31850/MAX31851 Evaluation Kit
Rev 0; 7/13
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 1; 11/11
More results

Similar Description - MAX31851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855 MAXIM-MAX31855_12 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 2; 2/12
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
MAX31855_1111 MAXIM-MAX31855_1111 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 1; 11/11
MAX31855 MAXIM-MAX31855_V01 Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX6674 MAXIM-MAX6674 Datasheet
131Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
Rev 1; 8/02
MAX6675 MAXIM-MAX6675_V01 Datasheet
556Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 1024째C)
19-2235; Rev 3; 6/21
MAX6674 MAXIM-MAX6674_V01 Datasheet
559Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
19-2241; Rev 2; 4/14
MAX6675ISA MAXIM-MAX6675ISA Datasheet
411Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-digital converter (0°C to 1024°C)
Rev 1; 3/02
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
logo
Analog Devices
AC1226 AD-AC1226 Datasheet
374Kb / 4P
   Micropower Thermocouple Cold Junction Compensator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com