Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1031MTC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FIN1031MTC
Description  3.3V LVDS 4-Bit High Speed Differential Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1031MTC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1031MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1031MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1031MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1031MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1031MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1031MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VIN)
@VCC ≥ 3V
−0.5V to +6V
@VCC = 0V
−0.5V to +4.6V
DC Output Voltage (VOUT)
@VCC = 0V
−0.5V to +4.6V
Driver Short Circuit Current (IOSD)
Continuous
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)
150
°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
≥ 8000V
ESD (Machine Model)
≥ 600V
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VOD
Output Differential Voltage
250
350
450
mV
∆V
OD
VOD Magnitude Change from
25
mV
Differential LOW-to-HIGH
RL = 100Ω, Driver Enabled,
VOS
Offset Voltage
See Figure 1
1.125
1.25
1.375
V
∆V
OS
Offset Magnitude Change from
25
mV
Differential LOW-to-HIGH
IOFF
Power Off Output Current
VCC = 0V, VOUT = 0V or 3.6V
±20
µA
IOS
Short Circuit Output Current
VOUT = 0V, Driver Enabled
−6
mA
VOD = 0V, Driver Enabled
±6
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
±20
µA
IOZ
Disabled Output Leakage Current
EN
= 0.8V, EN = 2.0V
±20
µA
VOUT = 0V or 4.7V
II(OFF)
Power-OFF Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
V
ICC
Power Supply Current
No Load, VIN = 0V or VCC, Driver Enabled
3.2
5
mA
RL = 100 Ω, Driver Disabled
3.2
5
RL = 100 Ω, VIN = 0V or VCC, Driver Enabled
17.9
25
CIN
Input Capacitance
7pF
COUT
Output Capacitance
4pF


Similar Part No. - FIN1031MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1031MTC ONSEMI-FIN1031MTC Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
More results

Similar Description - FIN1031MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MX FAIRCHILD-FIN1047MX Datasheet
318Kb / 9P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
logo
ON Semiconductor
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com