Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL41M Datasheet(PDF) 1 Page - First Components International

Part # GL41M
Description  1.0 Amp MEGARECTIFIERS SINTERED GLASS CAVITY-FREE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GL41M Datasheet(HTML) 1 Page - First Components International

  GL41M Datasheet HTML 1Page - First Components International GL41M Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n HIGH TEMPERATURE METALLURGI-
CALLY BONDED CONSTRUCTION
n SINTERED GLASS CAVITY-FREE
JUNCTION
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
GL41A . . . 41M Series
Average Forward Rectified Current...I
F(av)
Current 3/8" Lead Length @ T
A = 75°C
Non-Repetitive Peak Forward Surge Current...I
FSM
½ Sine Wave Superimposed on Rated Load
Forward Voltage @ 1.0A...V
F
Full Load Reverse Current...I
R(av)
Full Cycle Average @ T
A = 75°C
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A = 125°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJC (Note 2)
Operating & Storage Temperature Range...T
J, TSTRG
Page 10-10
Data Sheet
1.0 Amp MEGARECTIFIERS
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
............................................. 1.0 ...............................................
............................................. 3 0 ...............................................
< ............................. 1.1 ........................... > < .... 1.2 .... >
Volts
Volts
Volts
Units
n 1.0 AMP OPERATION @ T
A = 55°C, WITH
NO THERMAL RUNAWAY
n TYPICAL I
R < 0.1 µAmp
Amps
Amps
Volts
µAmps
............................................. 3 0 ...............................................
............................................. 5.0 ...............................................
............................................. 5 0 ...............................................
............................................. 8.0 ...............................................
............................................. 7 5 ...............................................
......................................... -65 to 175 ..........................................
µAmps
µAmps
pF
°C/W
°C
DO-213AB


Similar Part No. - GL41M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41M GE-GL41M Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GL41M FCI-GL41M Datasheet
136Kb / 2P
   1.0 Amp MEGARECTIFIERS
logo
Galaxy Semi-Conductor H...
GL41M BILIN-GL41M Datasheet
185Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
TAITRON Components Inco...
GL41M TAITRON-GL41M Datasheet
245Kb / 6P
   1.0A Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
GL41M VISHAY-GL41M Datasheet
87Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results

Similar Description - GL41M

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GL41A FCI-GL41A Datasheet
136Kb / 2P
   1.0 Amp MEGARECTIFIERS
RGF1A FCI-RGF1A Datasheet
141Kb / 2P
   1.0 Amp MEGARECTIFIERS
GF1A FCI-GF1A Datasheet
165Kb / 2P
   1.0 Amp MEGARECTIFIERS
1N4001GP FCI-1N4001GP Datasheet
155Kb / 2P
   1.0 Amp MEGARECTIFIERS
GLZ41A FCI-GLZ41A Datasheet
152Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers
GFZ10A FCI-GFZ10A Datasheet
143Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers
GFZ1A FCI-GFZ1A Datasheet
133Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers
1N4933GP FCI-1N4933GP Datasheet
153Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
1N4942GP FCI-1N4942GP Datasheet
164Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
RGL41A FCI-RGL41A Datasheet
157Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com