Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1104MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FIN1104MTC
Description  LVDS 4 Port High Speed Repeater
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1104MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FIN1104MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1104MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1104MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1104MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1104MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1104MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 5: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either Low-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 6: Passing criteria for maximum frequency is the output VOD > 200 mV and the duty cycle is 45% to 55% with all channels switching.
Note 7: Output loading is transmission line environment only; CL is < 1 pF of stray test fixture capacitance.
FIGURE 1. Differential Receiver Voltage Definitions and
Propagation and Transition Time Test Circuit
FIGURE 2. Differential Driver DC Test Circuit
Note A: All LVDS input pulses have frequency
= 10 MHz, t
R
or tF < = 0.5 ns
Note B: CL includes all probe and test fixture capacitances
FIGURE 3. Differential Driver Propagation Delay
and Transition Time Test Circuit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLHD
Differential Output Propagation Delay
0.75
1.1
1.75
ns
LOW-to-HIGH
tPHLD
Differential Output Propagation Delay
0.75
1.1
1.75
ns
HIGH-to-LOW
RL = 100 Ω, CL = 5 pF,
tTLHD
Differential Output Rise Time (20% to 80%) VID = 200 mV to 450 mV,
0.29
0.4
0.58
ns
tTHLD
Differential Output Fall Time (80% to 20%)
VIC = |VID|/2 to VCC − (|VID|/2),
0.29
0.4
0.58
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
Duty Cycle
= 50%,
0.02
0.2
ns
tSK(LH),
Channel-to-Channel Skew
See Figure 1 and Figure 3
0.02
0.15
ns
tSK(HL)
(Note 4)
0.02
tSK(PP)
Part-to-Part Skew (Note 5)
0.5
ns
fMAX
Maximum Frequency (Note 6)(Note 7)
400
800
MHz
tPZHD
Differential Output Enable Time
2.2
5
ns
from Z to HIGH
tPZLD
Differential Output Enable Time
2.5
5
ns
from Z to LOW
RL = 100 Ω, CL = 5 pF,
tPHZD
Differential Output Disable Time
See Figure 2 and Figure 3
1.8
5
ns
from HIGH to Z
tPLZD
Differential Output Disable Time
2.1
5
ns
from LOW to Z
tDJ
LVDS Data Jitter,
VID = 300 mV, PRBS = 2
23 - 1,
85
135
ps
Deterministic
VIC = 1.2V at 800 Mbps
tRJ
LVDS Clock Jitter,
VID = 300 mV,
2.1
3.5
ps
Random (RMS)
VIC = 1.2V at 400 MHz


Similar Part No. - FIN1104MTC

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
FIN1104MTC POWERTIP-FIN1104MTC Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
ON Semiconductor
FIN1104MTC ONSEMI-FIN1104MTC Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
FIN1104MTCX ONSEMI-FIN1104MTCX Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
More results

Similar Description - FIN1104MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
   LVDS 8 Port High Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com