Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG708BRUZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADG708BRUZ
Description  CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG708BRUZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG708BRUZ Datasheet HTML 7Page - Analog Devices ADG708BRUZ Datasheet HTML 8Page - Analog Devices ADG708BRUZ Datasheet HTML 9Page - Analog Devices ADG708BRUZ Datasheet HTML 10Page - Analog Devices ADG708BRUZ Datasheet HTML 11Page - Analog Devices ADG708BRUZ Datasheet HTML 12Page - Analog Devices ADG708BRUZ Datasheet HTML 13Page - Analog Devices ADG708BRUZ Datasheet HTML 14Page - Analog Devices ADG708BRUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADG708/ADG709
Rev. D | Page 11 of 20
TRUTH TABLES
Table 7. ADG708 Truth Table
A2
A1
A0
EN
Switch Condition
X1
X1
X1
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
1
X = Don’t care.
Table 8. ADG709 Truth Table
A1
A0
EN
On Switch Pair
X1
X1
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
1
X = Don’t care.


Similar Part No. - ADG708BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG708BRUZ-REEL AD-ADG708BRUZ-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708BRUZ-REEL AD-ADG708BRUZ-REEL Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG708BRUZ-REEL7 AD-ADG708BRUZ-REEL7 Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
More results

Similar Description - ADG708BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708BRUZ-REEL7 AD-ADG708BRUZ-REEL7 Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG726 AD-ADG726 Datasheet
201Kb / 13P
   16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD 2001
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG725 AD-ADG725 Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com