Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21161NKCA-100 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-21161NKCA-100
Description  SHARC Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21161NKCA-100 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-21161NKCA-100 Datasheet HTML 1Page - Analog Devices ADSP-21161NKCA-100 Datasheet HTML 2Page - Analog Devices ADSP-21161NKCA-100 Datasheet HTML 3Page - Analog Devices ADSP-21161NKCA-100 Datasheet HTML 4Page - Analog Devices ADSP-21161NKCA-100 Datasheet HTML 5Page - Analog Devices ADSP-21161NKCA-100 Datasheet HTML 6Page - Analog Devices ADSP-21161NKCA-100 Datasheet HTML 7Page - Analog Devices ADSP-21161NKCA-100 Datasheet HTML 8Page - Analog Devices ADSP-21161NKCA-100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
SHARC and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC Processor
ADSP-21161N
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
SUMMARY
High performance 32-Bit DSP—applications in audio, medi-
cal, military, wireless communications, graphics, imaging,
motor-control, and telephony
Super Harvard Architecture—four independent buses for
dual data fetch, instruction fetch, and nonintrusive zero-
overhead I/O
Code compatible with all other sharc family DSPs
Single-instruction multiple-data (SIMD) computational archi-
tecture—two 32-bit IEEE floating-point computation units,
each with a multiplier, ALU, shifter, and register file
Serial ports offer I
2S support via 8 programmable and simul-
taneous receive or transmit pins, which support up to 16
transmit or 16 receive channels of audio
Integrated peripherals—integrated I/O processor, 1M bit on-
chip dual-ported SRAM, SDRAM controller, glueless multi-
processing features, and I/O ports (serial, link, external
bus, SPI, and JTAG)
ADSP-21161N supports 32-bit fixed, 32-bit float, and 40-bit
floating-point formats
100 MHz/110 MHz core instruction rate
Single-cycle instruction execution, including SIMD opera-
tions in both computational units
Up to 660 MFLOPs peak and 440 MFLOPs sustained
performance
225-ball 17 mm
17 mm CSP_BGA package
Figure 1. ADSP-21161N Functional Block Diagram
ALU
MULT
DATA
REGISTER
FILE
(PEY)
16
40-BIT
BARREL
SHIFTER
BARREL
SHIFTER
ALU
DATA
REGISTER
FILE
(PEX)
16
40-BIT
TIMER
INSTRUCTION
CACHE
32
48-BIT
DAG1
8
4
32
PROGRAM
SEQUENCER
32
PM ADDRESS BUS
DM ADDRESS BUS
32
BUS
CONNECT
(PX)
PM DATA BUS
DM DATA BUS
64
64
CORE PROCESSOR
SPI PORTS (1)
SERIAL PORTS (4)
LINK PORTS (2)
DMA
CONTROLLER
5
16
20
4
IOP
REGISTERS
(MEMORY MAPPED)
CONTROL,
STATUS, &
DATA BUFFERS
I/O PROCESSOR
TWO INDEPENDENT
DUAL-PORTED BLOCKS
ADDR
DATA
DATA
DATA
ADDR
ADDR
DATA
ADDR
PROCESSOR PORT
I/O PORT
DUAL-PORTED SRAM
HOST PORT
ADDR BUS
MUX
MULTIPROCESSOR
INTERFACE
DATA BUS
MUX
32
24
EXTERNAL PORT
6
12
8
JTAG TEST
AND EMULATION
GPIO
FLAGS
SDRAM
CONTROLLER
IOA
18
IOD
64
DAG2
8
4
32
MULT
S


Similar Part No. - ADSP-21161NKCA-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21161NKCA-100 AD-ADSP-21161NKCA-100 Datasheet
1,019Kb / 60P
   DSP Microcomputer
REV. A
ADSP-21161NKCA-100 AD-ADSP-21161NKCA-100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
More results

Similar Description - ADSP-21161NKCA-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com