Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21161NCCA-100 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-21161NCCA-100
Description  SHARC Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21161NCCA-100 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-21161NCCA-100 Datasheet HTML 1Page - Analog Devices ADSP-21161NCCA-100 Datasheet HTML 2Page - Analog Devices ADSP-21161NCCA-100 Datasheet HTML 3Page - Analog Devices ADSP-21161NCCA-100 Datasheet HTML 4Page - Analog Devices ADSP-21161NCCA-100 Datasheet HTML 5Page - Analog Devices ADSP-21161NCCA-100 Datasheet HTML 6Page - Analog Devices ADSP-21161NCCA-100 Datasheet HTML 7Page - Analog Devices ADSP-21161NCCA-100 Datasheet HTML 8Page - Analog Devices ADSP-21161NCCA-100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ADSP-21161N
Rev. C
|
Page 3 of 60
|
January 2013
GENERAL DESCRIPTION
The ADSP-21161N SHARC
® DSP is a low cost derivative of the
ADSP-21160 featuring Analog Devices Super Harvard Archi-
tecture. Easing portability, the ADSP-21161N is source code
compatible with the ADSP-21160 and with first generation
ADSP-2106x SHARC processors in SISD (Single-Instruction,
Single-Data) mode. Like other SHARC DSPs, the ADSP-
21161N is a 32-bit processor that is optimized for high perfor-
mance DSP applications. The ADSP-21161N includes a
100 MHz or 110 MHz core, a dual-ported on-chip SRAM, an
integrated I/O processor with multiprocessing support, and
multiple internal buses to eliminate I/O bottlenecks.
As was first offered in the ADSP-21160, the ADSP-21161N
offers a single-instruction multiple-data (SIMD) architecture.
Using two computational units (ADSP-2106x SHARC proces-
sors have one), the ADSP-21161N can double cycle
performance versus the ADSP-2106x on a range of DSP
algorithms.
Fabricated in a state of the art, high speed, low power CMOS
process, the ADSP-21161N has a 10 ns or 9 ns instruction cycle
time. With its SIMD computational hardware running at
110 MHz, the ADSP-21161N can perform 660 million floating-
point operations per second. Table 1 shows performance bench-
marks for the ADSP-21161N.
These benchmarks provide single-channel extrapolations of
measured dual-channel processing performance. For more
information on benchmarking and optimizing DSP code, for
both single and dual-channel processing, see the Analog Devices
Inc. website.
The ADSP-21161N continues SHARC’s industry-leading stan-
dards of integration for DSPs, combining a high performance
32-bit DSP core with integrated, on-chip system features. These
features include a 1M bit dual ported SRAM memory, host pro-
cessor interface, I/O processor that supports 14 DMA channels,
four serial ports, two link ports, SDRAM controller, SPI inter-
face, external parallel bus, and glueless multiprocessing.
The block diagram of the ADSP-21161N on Page 1 illustrates
the following architectural features:
• Two processing elements, each made up of an ALU, multi-
plier, shifter, and data register file
• Data address generators (DAG1, DAG2)
• Program sequencer with instruction cache
• PM and DM buses capable of supporting four 32-bit data
transfers between memory and the core every core proces-
sor cycle
•Interval timer
•On-Chip SRAM (1M bit)
• SDRAM controller for glueless interface to SDRAMs
• External port that supports:
• Interfacing to off-chip memory peripherals
• Glueless multiprocessing support for six
ADSP-21161N SHARCs
• Host port read/write of IOP registers
• DMA controller
• Four serial ports
•Two link ports
• SPI compatible interface
• JTAG test access port
• 12 general-purpose I/O pins
Figure 2 shows a typical single-processor system. A multipro-
cessing system appears in Figure 5 on Page 8.
ADSP-21161N FAMILY CORE ARCHITECTURE
The ADSP-21161N includes the following architectural features
of the ADSP-2116x family core. The ADSP-21161N is code
compatible at the assembly level with the ADSP-21160,
ADSP-21060, ADSP-21061, ADSP-21062, and ADSP-21065L.
SIMD Computational Engine
The ADSP-21161N contains two computational processing ele-
ments that operate as a single-instruction multiple-data (SIMD)
engine. The processing elements are referred to as PEX and
PEY, and each contains an ALU, multiplier, shifter, and register
file. PEX is always active, and PEY may be enabled by setting the
PEYEN mode bit in the MODE1 register. When this mode is
enabled, the same instruction is executed in both processing ele-
ments, but each processing element operates on different data.
This architecture is efficient at executing math intensive DSP
algorithms.
Entering SIMD mode also has an effect on the way data is trans-
ferred between memory and the processing elements. When in
SIMD mode, twice the data bandwidth is required to sustain
computational operation in the processing elements. Because of
this requirement, entering SIMD mode also doubles the
bandwidth between memory and the processing elements.
Table 1. Benchmarks
Benchmark Algorithm
100 MHz
Instruction
Rate
110 MHz
Instruction
Rate
1024 Point Complex FFT
(Radix 4, with Reversal)
92 μs
83.6 μs
FIR Filter (Per Tap)
5 ns
4.5 ns
IIR Filter (Per Biquad)
20 ns
18.18 ns
Matrix Multiply (Pipelined)
[3
3]  [3 1]
45 ns
40.9 ns
[4
4]  [4 1]
80 ns
72.72 ns
Divide (y/x)
60 ns
54.54 ns
Inverse Square Root
40 ns
36.36 ns
DMA Transfers
800M bytes/s
880M bytes/s


Similar Part No. - ADSP-21161NCCA-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21161NCCA-100 AD-ADSP-21161NCCA-100 Datasheet
1,019Kb / 60P
   DSP Microcomputer
REV. A
ADSP-21161NCCA-100 AD-ADSP-21161NCCA-100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
More results

Similar Description - ADSP-21161NCCA-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com