Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM6530T-1R0M120 Datasheet(PDF) 10 Page - TDK Electronics

Part # SPM6530T-1R0M120
Description  Inductors for Power Circuits Wound Metallic Magnetic Material
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM6530T-1R0M120 Datasheet(HTML) 10 Page - TDK Electronics

Back Button SPM6530T-1R0M120 Datasheet HTML 6Page - TDK Electronics SPM6530T-1R0M120 Datasheet HTML 7Page - TDK Electronics SPM6530T-1R0M120 Datasheet HTML 8Page - TDK Electronics SPM6530T-1R0M120 Datasheet HTML 9Page - TDK Electronics SPM6530T-1R0M120 Datasheet HTML 10Page - TDK Electronics SPM6530T-1R0M120 Datasheet HTML 11Page - TDK Electronics SPM6530T-1R0M120 Datasheet HTML 12Page - TDK Electronics SPM6530T-1R0M120 Datasheet HTML 13Page - TDK Electronics SPM6530T-1R0M120 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
(9/24)
INDUC
T
O
RS
001-01 / 20130527 / e531_spm.fm
• All specifications are subject to change without notice.
SPM series 
SPM4012Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(kHz)
DC resistance
(m
 )
Rated current(A)
Part No.
max.
typ.
(µH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
0.47
±20%
100
25
23
8.3
10.9
4.8
SPM4012T-R47M
1.00
±20%
100
45
38
4.8
6.0
4.1
SPM4012T-1R0M
1.50
±20%
100
70
59
3.5
4.8
3.1
SPM4012T-1R5M
2.20
±20%
100
95
82
3.3
4.4
2.7
SPM4012T-2R2M
3.30
±20%
100
145
123
2.8
3.5
2.2
SPM4012T-3R3M
4.70
±20%
100
205
178
2.0
2.5
1.7
SPM4012T-4R7M
Measurement item
Product No.
Manufacturer
L
4284A
Agilent Technologies
DC resistance
AX-111A
ADEX
Rated current Idc1
4284A+42841A+42842C
Agilent Technologies


Similar Part No. - SPM6530T-1R0M120

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120 Datasheet
67Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120 Datasheet
122Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120_16 Datasheet
122Kb / 9P
   Inductors for Power Circuits Wound Metal
More results

Similar Description - SPM6530T-1R0M120

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3012T-1R0M TDK-SPM3012T-1R0M_16 Datasheet
104Kb / 9P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012 TDK-SPM3012 Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
TFM201610GHM TDK-TFM201610GHM Datasheet
173Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211111
TFM201610ALM TDK-TFM201610ALM Datasheet
173Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211111
TFM160808ALC TDK-TFM160808ALC Datasheet
170Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211102
TFM252012ALMA TDK-TFM252012ALMA Datasheet
183Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20200823
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com