Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93H66RFVM-2C Datasheet(PDF) 4 Page - Rohm

Part # BR93H66RFVM-2C
Description  Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H66RFVM-2C Datasheet(HTML) 4 Page - Rohm

  BR93H66RFVM-2C Datasheet HTML 1Page - Rohm BR93H66RFVM-2C Datasheet HTML 2Page - Rohm BR93H66RFVM-2C Datasheet HTML 3Page - Rohm BR93H66RFVM-2C Datasheet HTML 4Page - Rohm BR93H66RFVM-2C Datasheet HTML 5Page - Rohm BR93H66RFVM-2C Datasheet HTML 6Page - Rohm BR93H66RFVM-2C Datasheet HTML 7Page - Rohm BR93H66RFVM-2C Datasheet HTML 8Page - Rohm BR93H66RFVM-2C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
BR93H66-2C
4/29
Datasheet
Datasheet
www.rohm.com
19.DEC.2012 Rev.002
TSZ22111・15・001
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R1R0G100030-1-2
Serial Input / Output Timing
1. Data is taken from DI, in sync with the rise of SK.
2. At READ command, data is outputted from DO in sync with the rise of SK.
3. After WRITE command input, the status signal of WRITE (READY / BUSY) can be monitored from DO by setting CS to “H”
after tCS, from the fall of CS, and will display a valid status until the next command start bit is inputted.
But, if CS is set to
“L”, DO sets to High-Z state.
4. To execute a series of commands, CS is set to “L” once after completion of each command for internal circuit reset.
Block Diagram
Figure 1. Serial Input / Output Timing Diagram
Figure 2. Block Diagram
Command Decode
Control
Clock Generation
Power Source Voltage Detection
Write
Prohibition
High Voltage Occurrence
Command
Register
Address
Buffer
SK
DI
Dummy Bit
DO
Data
Register
R/W
Amplifier
16bit
16bit
4,096 bit
EEPROM
CS
Address
Decoder
8bit
8bit
tCSS
CS
SK
tDF
tSKH
tSKL
tCSH
STATUS VALID
DI
DO(READ)
DO(WRITE)
tDIH
tDIS
tPD0
tPD1


Similar Part No. - BR93H66RFVM-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H66RFVM-2CE2 ROHM-BR93H66RFVM-2CE2 Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66RFVM-2CTR ROHM-BR93H66RFVM-2CTR Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H66RFVM-2CTR ROHM-BR93H66RFVM-2CTR Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
More results

Similar Description - BR93H66RFVM-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVM-2C ROHM-BR93H86RFVM-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVT-2C ROHM-BR93H86RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFJ-2C ROHM-BR93H46RFJ-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVM-2C ROHM-BR93H46RFVM-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com