Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1162-YTE85LF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1162-YTE85LF
Description  Audio Frequency General Purpose Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1162-YTE85LF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1162-YTE85LF Datasheet HTML 1Page - Toshiba Semiconductor 2SA1162-YTE85LF Datasheet HTML 2Page - Toshiba Semiconductor 2SA1162-YTE85LF Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1162
2007-11-01
1
TOSHIBA Transistor
Silicon PNP Epitaxial Type (PCT process)
2SA1162
Audio Frequency General Purpose Amplifier Applications
• High voltage and high current: VCEO = −50 V, IC = −150 mA (max)
• Excellent hFE linearity: hFE (IC = −0.1 mA)/hFE (IC = −2 mA)
= 0.95 (typ.)
• High hFE: hFE = 70~400
• Low noise: NF = 1dB (typ.), 10dB (max)
• Complementary to 2SC2712
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−150
mA
Base current
IB
−30
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −50 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
DC current gain
hFE
(Note)
VCE = −6 V, IC = −2 mA
70
400
Collector-emitter saturation voltage
VCE (sat)
IC = −100 mA, IB = −10 mA
−0.1
−0.3
V
Transition frequency
fT
VCE = −10 V, IC = −1 mA
80
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
4
7
pF
Noise figure
NF
VCE = −6 V, IC = −0.1 mA, f = 1 kHz,
Rg
= 10 kΩ,
1.0
10
dB
Note: hFE classification O (O): 70~140, Y (Y): 120~240, GR (G): 200~400, ( ) marking symbol
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SA1162-YTE85LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1162-Y TOSHIBA-2SA1162-Y Datasheet
178Kb / 3P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
logo
Guangdong Kexin Industr...
2SA1162-Y KEXIN-2SA1162-Y Datasheet
1Mb / 2P
   PNP Transistors
logo
Micro Commercial Compon...
2SA1162-Y MCC-2SA1162-Y Datasheet
264Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
logo
DONGGUAN YOU FENG WEI E...
2SA1162-Y YFWDIODE-2SA1162-Y Datasheet
639Kb / 3P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SA1162-Y-HF KEXIN-2SA1162-Y-HF Datasheet
1Mb / 2P
   PNP Transistors
More results

Similar Description - 2SA1162-YTE85LF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
   Audio frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
2SC1815-GRF TOSHIBA-2SC1815-GRF Datasheet
279Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN1A01FU-Y TOSHIBA-HN1A01FU-Y Datasheet
235Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
HN1C01FU-Y TOSHIBA-HN1C01FU-Y Datasheet
243Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
   Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com