Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7620DN-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7620DN-T1-GE3
Description  N-Channel 150-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7620DN-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7620DN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7620DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7620DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7620DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7620DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7620DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7620DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7620DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7620DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 68702
S-81215-Rev. A, 02-Jun-08
Vishay Siliconix
Si7620DN
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
150
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
180
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 9
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
2.5
4.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 150 V, VGS = 0 V
1
µA
VDS = 150 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
13
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 3.6 A
0.103
0.126
Ω
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.6 A
10
S
Dynamicb
Input Capacitance
Ciss
VDS = 75 V, VGS = 0 V, f = 1 MHz
600
pF
Output Capacitance
Coss
50
Reverse Transfer Capacitance
Crss
15
Total Gate Charge
Qg
VDS = 75 V, VGS = 10 V, ID = 3.6 A
9.5
15
nC
Gate-Source Charge
Qgs
3
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1 MHz
1.1
2.2
Ω
Turn-On Delay Time
td(on)
VDD = 75 V, RL = 26 Ω
ID ≅ 2.9 A, VGEN = 10 V, Rg = 1 Ω
12
20
ns
Rise Time
tr
510
Turn-Off Delay Time
td(off)
15
25
Fall Time
tf
510
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
13
A
Pulse Diode Forward Current
ISM
15
Body Diode Voltage
VSD
IS = 2.9 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 2.9 A, dI/dt = 100 A/µs, TJ = 25 °C
50
75
ns
Body Diode Reverse Recovery Charge
Qrr
125
190
nC
Reverse Recovery Fall Time
ta
37
ns
Reverse Recovery Rise Time
tb
13


Similar Part No. - SI7620DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7621DN VISHAY-SI7621DN Datasheet
111Kb / 7P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 02-Nov-09
SI7623DN VISHAY-SI7623DN Datasheet
580Kb / 13P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Jul-12
SI7625DN VISHAY-SI7625DN Datasheet
131Kb / 7P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 22-Mar-10
SI7625DN VISHAY-SI7625DN Datasheet
602Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7625DN-T1-GE3 VISHAY-SI7625DN-T1-GE3 Datasheet
131Kb / 7P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 22-Mar-10
More results

Similar Description - SI7620DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com