Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ380F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ380F
Description  Relay Drive, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ380F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ380F Datasheet HTML 1Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 2Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 3Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 4Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 5Page - Toshiba Semiconductor 2SJ380F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ380
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-π-MOSV)
2SJ380
Relay Drive, DC-DC Converter and Motor Drive
Applications
• 4-V gate drive
• Low drain-source ON resistance: RDS (ON) = 0.15 Ω (typ.)
• High forward transfer admittance: |Yfs| = 7.7 S (typ.)
• Low leakage current: IDSS = −100 μA (max) (VDS = −100 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−100
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−100
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−12
Drain current
Pulse (Note 1)
IDP
−48
A
Drain power dissipation (Tc
= 25°C)
PD
35
W
Single pulse avalanche energy
(Note 2)
EAS
312
mJ
Avalanche current
IAR
−12
A
Repetitive avalanche energy (Note 3)
EAR
3.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
3.57
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
62.5
°C/W
Note1:
Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −25 V, Tch = 25°C (initial), L = 2.94 mH, RG = 25 Ω, IAR = −12 A
Note 3: Repetitive rating: pulse width limited by maximum junction temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


Similar Part No. - 2SJ380F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ380 TOSHIBA-2SJ380 Datasheet
282Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, RELAY DRIVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ380 TOSHIBA-2SJ380 Datasheet
192Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380 Datasheet
235Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SJ380 ISC-2SJ380 Datasheet
59Kb / 2P
   Low Drain-Source ON Resistance
logo
Toshiba Semiconductor
2SJ380 TOSHIBA-2SJ380 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SJ380F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_10 Datasheet
411Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com