Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11000DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74AC11000DR
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11000DR Datasheet(HTML) 4 Page - Texas Instruments

  74AC11000DR Datasheet HTML 1Page - Texas Instruments 74AC11000DR Datasheet HTML 2Page - Texas Instruments 74AC11000DR Datasheet HTML 3Page - Texas Instruments 74AC11000DR Datasheet HTML 4Page - Texas Instruments 74AC11000DR Datasheet HTML 5Page - Texas Instruments 74AC11000DR Datasheet HTML 6Page - Texas Instruments 74AC11000DR Datasheet HTML 7Page - Texas Instruments 74AC11000DR Datasheet HTML 8Page - Texas Instruments 74AC11000DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
LOAD CIRCUIT
Input
(see Note B)
50%
50% VCC
50% VCC
tPHL
tPLH
VCC
Output
VOL
VOH
0 V
From Output
Under Test
CL = 50 pF
(see Note A)
500
NOTES: A. CL includes probe and jig capacitance.
B. Input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
50%
74AC11000
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SCLS054B – APRIL 1987 – REVISED JUNE 2005
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
1.5
7.2
9.8
1.5
11.1
A or B
Y
ns
tPHL
1.5
5.8
8.6
1.5
9.6
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
1.5
5
6.5
1.5
7.4
A or B
Y
ns
tPHL
1.5
4.4
6.1
1.5
6.8
V
CC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 1 MHz
33
pF
Figure 1. Load Circuit and Voltage Waveforms
4


Similar Part No. - 74AC11000DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11000D TI-74AC11000D Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED APRIL 1996
More results

Similar Description - 74AC11000DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
[Old version datasheet]   Quadruple 2-Input Positive-NAND Gate
74AC11000 TI-74AC11000 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED APRIL 1996
logo
Potato Semiconductor Co...
PO74G00A POTATO-PO74G00A_14 Datasheet
1Mb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com