Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR01 Datasheet(PDF) 2 Page - Rohm

Part # MCR01
Description  Low Ohmic Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR01 Datasheet(HTML) 2 Page - Rohm

  MCR01 Datasheet HTML 1Page - Rohm MCR01 Datasheet HTML 2Page - Rohm MCR01 Datasheet HTML 3Page - Rohm MCR01 Datasheet HTML 4Page - Rohm MCR01 Datasheet HTML 5Page - Rohm MCR01 Datasheet HTML 6Page - Rohm MCR01 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Data Sheet
MCR series - Low Ohmic - < General Purpose >
Products List
∗Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product
before using or ordering it.
MCR006
YRT
0.67
0.76
0.95
1.51
1.51
2.13
2.13
3.01
6.02
4.26
4.26
3.02
3.02
1.90
1.52
1.34
0.05
MRT
ERT
EZH
EZH
JZH
JZH
JZH
MCR01
MCR03
MCR10
MCR18
MCR25
MCR50
MCR100
0.063
0.1
0.25
0.25
0.5
0.5
1
±600 / −200
1.0
Ω
to
9.1
Ω
1.0
Ω
to
9.1
Ω
1.0
Ω
to
9.1
Ω
0.1
Ω
to
0.13
Ω
0.15
Ω
to
0.91
Ω
F(
±1%)
F(
±1%)
F(
±1%)
J(
±5%)
F(
±1%)
−55 to +125
−55 to +155
−55 to +125
±400
E24
500
±300
400
±200
±250
0.047
Ω to 0.091Ω
0.1
Ω
to
0.13
Ω
0.15
Ω
to
9.1
Ω
0.047
Ω to 0.091Ω
0.1
Ω
to
0.13
Ω
0.15
Ω
to
0.91
Ω
0.047
Ω to 0.091Ω
0.1
Ω
to
0.13
Ω
0.1
Ω
to
0.13
Ω
0.15
Ω
to
9.1
Ω
0.15
Ω
to
0.91
Ω
0.15
Ω
to
9.1
Ω
0.1
Ω
to
0.91
Ω
0.1
Ω
to
9.1
Ω
0.047
Ω to 0.091Ω
0.047
Ω to 0.091Ω
0.047
Ω to 0.091Ω
0.1
Ω
to
0.13
Ω
0.15
Ω
to
0.91
Ω
0.047
Ω to 0.091Ω
0.1
Ω
to
0.13
Ω
0.047
Ω to 0.091Ω
0.15
Ω
to
9.1
Ω
0.1
Ω
to
0.13
Ω
0.047
Ω to 0.091Ω
0.047
Ω to 0.091Ω
±400
500
±300
400
±200
±250
J(
±5%)
F(
±1%)
500
±300
400
±200
±250
500
±300
400
±200
±250
J(
±5%)
F(
±1%)
300
±300
±200
300
±300
±200
J(
±5%)
F(
±1%)
500
±300
400
±200
±250
500
±300
400
±200
±250
J(
±5%)
F(
±1%)
500
±300
400
±200
±250
500
±300
400
±200
±250
Limiting Element
Voltage
(V)
Maximum
Overload
Voltage
(V)
Temperature
Coefficient
(ppm /
°C)
Resistance
Tolerance
(%)
Operating
Temperature
Range
(
°C)
Type Code
Resistance Range
Series
Part No.
Rated Power
(70
°C)
(W)


Similar Part No. - MCR01

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01 ROHM-MCR01 Datasheet
93Kb / 6P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01 ROHM-MCR01 Datasheet
81Kb / 6P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01 ROHM-MCR01 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR01

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR03 ROHM-MCR03_2 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_11 Datasheet
132Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_3 Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_11 Datasheet
175Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com