Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7881 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7881
Description  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7881 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS7881_13 Datasheet HTML 1Page - Burr-Brown (TI) ADS7881_13 Datasheet HTML 2Page - Burr-Brown (TI) ADS7881_13 Datasheet HTML 3Page - Burr-Brown (TI) ADS7881_13 Datasheet HTML 4Page - Burr-Brown (TI) ADS7881_13 Datasheet HTML 5Page - Burr-Brown (TI) ADS7881_13 Datasheet HTML 6Page - Burr-Brown (TI) ADS7881_13 Datasheet HTML 7Page - Burr-Brown (TI) ADS7881_13 Datasheet HTML 8Page - Burr-Brown (TI) ADS7881_13 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
4
SPECIFICATIONS Continued
TA = −40°C to 85°C, +VA = 5 V, +VBD = 5 V or 3.3 V, Vref = 2.5 V, fsample = 4 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE OUTPUT
Start-up time
From 95% (+VA), with 1-
µF storage
capacitor on REFOUT to AGND
120
msec
VREF Range
IOUT=0
2.47
2.5
2.53
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
1
mV
Drift
IOUT = 0
25
PPM/C
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
IIH = 5 µA
+VBD −1
+VBD + 0.3
V
Logic level
VIL
IIL = 5 µA
−0.3
0.8
V
Logic level
VOH
IOH = 2 TTL loads
+VBD − 0.6
+VBD
V
VOL
IOL = 2 TTL loads
0
0.4
V
Data format
Straight
Binary
POWER SUPPLY REQUIREMENTS
Power supply voltage
+VBD
2.7
3.3
5.25
V
Power supply voltage
+VA
4.75
5
5.25
V
Supply current, +VA, 4 MHz sample rate
19
22
mA
Power dissipation, 4 MHz sample rate
+VA = 5 V
95
110
mW
NAP MODE
Supply current, +VA
2
3
mA
Power-up time(7)
60
nsec
POWER DOWN
Supply current, +VA
2
2.5
µA
Power down time(8)
From simulation results
10
µsec
Power up time
1-
µF Storage capacitor on REFOUT to
AGND
25
msec
Invalid conversions after power up or reset
4
Numbers
TEMPERATURE RANGE
Operating free-air
−40
85
°C
(1) Ideal input span; does not include gain or offset error.
(2) This is endpoint INL, not best fit.
(3) LSB means least significant bit.
(4) Measured relative to actual measured reference.
(5) Calculated on the first nine harmonics of the input frequency.
(6) Can vary ±20%.
(7) Minimum acquisition time for first sampling after the end of nap state must be 60 nsec more than normal.
(8) Time required to reach level of 2.5 µA.


Similar Part No. - ADS7881_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI1-ADS7881_14 Datasheet
1Mb / 32P
[Old version datasheet]   4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
More results

Similar Description - ADS7881_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com