Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7881IRGZT Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7881IRGZT
Description  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7881IRGZT Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7881IRGZT Datasheet HTML 4Page - Burr-Brown (TI) ADS7881IRGZT Datasheet HTML 5Page - Burr-Brown (TI) ADS7881IRGZT Datasheet HTML 6Page - Burr-Brown (TI) ADS7881IRGZT Datasheet HTML 7Page - Burr-Brown (TI) ADS7881IRGZT Datasheet HTML 8Page - Burr-Brown (TI) ADS7881IRGZT Datasheet HTML 9Page - Burr-Brown (TI) ADS7881IRGZT Datasheet HTML 10Page - Burr-Brown (TI) ADS7881IRGZT Datasheet HTML 11Page - Burr-Brown (TI) ADS7881IRGZT Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
8
DESCRIPTION AND TIMING DIAGRAMS
SAMPLING AND CONVERSION START
There are three ways to start sampling. The rising edge of CONVST starts sampling with CS and BUSY being low
(see Figure 1) or it can be started with the falling edge of CS when CONVST is high and BUSY is low (see
Figure 2). Sampling can also be started with an internal conversion end (before BUSY falling edge) with CS
being low and CONVST high before an internal conversion end (see Figure 3). Also refer to the section DEVICE
OPERATION AND DATA READ IN BACK-TO-BACK CONVERSION for more details.
A conversion can be started two ways (a conversion start is the end of sampling). Either with the falling edge
of CONVST when CS is low (see Figure 1) or the falling edge of CS when CONVST is low (see Figure 2). A
clean and low jitter falling edge of these respective signals triggers a conversion start and is important to the
performance of the converter. The BUSY pin is brought high immediately following the CONVST falling edge.
BUSY stays high throughout the conversion process and returns low when the conversion has ended.
th2
th3
td1
td2
t(acq)
CS
CONVST
BUSY
Figure 1. Sampling and Conversion Start Control With CONVST Pin
td3
t(acq)
tw3
tw3
td4
tw1
CS
CONVST
BUSY
Figure 2. Sampling and Conversion Start Control With CS Pin
t(acq)
tw4
td2
CS
CONVST
BUSY
th1
tw5
Figure 3. Sampling Start With CS Low and CONVST High (Back-to-Back)


Similar Part No. - ADS7881IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881IRGZT TI1-ADS7881IRGZT Datasheet
1Mb / 32P
[Old version datasheet]   4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
More results

Similar Description - ADS7881IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com