Electronic Components Datasheet Search |
|
ADS7881IRGZR Datasheet(PDF) 5 Page - Burr-Brown (TI) |
|
|
ADS7881IRGZR Datasheet(HTML) 5 Page - Burr-Brown (TI) |
5 / 31 page ADS7881 SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005 www.ti.com 5 TIMING REQUIREMENTS All specifications typical at −40 °C to 85°C, +VA = +5 V, +VBD = +5 V (see Notes 1, 2, 3, and 4) PARAMETER SYMBOL MIN TYP MAX UNITS REF FIG. Conversion time t(conv) 185 200 ns 5 Acquisition time t(acq) 50 65 ns 5 SAMPLING AND CONVERSION START Hold time CS low to CONVST high (with BUSY high) th1 10 ns 3 Delay CONVST high to acquisition start td1 2 4 5 ns 1 Hold time, CONVST high to CS high with BUSY low th2 10 ns 1 Hold time, CONVST low to CS high th3 10 ns 1 Delay CONVST low to BUSY high td2 40 ns 1 CS width for acquisition or conversion to start tw3 20 ns 2 Delay CS low to acquisition start with CONVST high td3 2 4 5 ns 2 Pulse width, from CS low to CONVST low for acquisition to start tw1 20 ns 2 Delay CS low to BUSY high with CONVST low td4 40 ns 2 Quiet sampling time(3) 25 ns CONVERSION ABORT Setup time CONVST high to CS low with BUSY high ts1 15 ns 4 Delay time CS low to BUSY low with CONVST high td5 20 ns 4 DATA READ Delay RD low to data valid with CS low td6 25 ns 5 Delay BYTE high to LSB word valid with CS and RD low td7 25 ns 5 Delay time RD high to data 3-state with CS low td9 25 ns 5 Delay time end of conversion to BUSY low td11 20 ns 5 Quiet sampling time RD high to CONVST low t1 25 ns 5 Delay CS low to data valid with RD low td8 25 ns 6 Delay CS high to data 3-state with RD low td10 25 ns 6 Quiet sampling time CS low to CONVST low t2 25 ns 6 BACK-TO-BACK CONVERSION Delay BUSY low to data valid td12 10 ns 7, 8 Pulse width, CONVST high tw4 60 ns 7, 8 Pulse width, CONVST low tw5 20 ns 7 POWER DOWN/RESET Pulse width, low for PWD/RST to reset the device tw6 45 6140 ns 10 Pulse width, low for PWD/RST to power down the device tw7 7200 ns 9 Delay time, power up after PWD/RST is high td13 25 ms 9 (1) All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2. (2) See timing diagram. (3) Quiet period before conversion start, no data bus activity including data bus 3-state is allowed in this period. (4) All timings are measured with 20 pF equivalent loads on all data bits and BUSY pin. |
Similar Part No. - ADS7881IRGZR |
|
Similar Description - ADS7881IRGZR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |