Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7881IRGZR Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7881IRGZR
Description  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7881IRGZR Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS7881IRGZR Datasheet HTML 5Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 6Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 7Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 8Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 9Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 10Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 11Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 12Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
9
CONVERSION ABORT
The falling edge of CS aborts the conversion while BUSY is high and CONVST is high (see Figure 4). The device
outputs FE0 (hex) to indicate a conversion abort.
1111 1110 0000
td5
CS
CONVST
BUSY
tsu1
RD
D11−D0
Figure 4. Conversion Abort
DATA READ
Two conditions need to be satisfied for a read operation. Data appears on the D11 through D0 pins (with D11
MSB) when both CS and RD are low. Figure 5 and Figure 6 illustrate the device read operation. The bus is
three-stated if any one of the signals is high.
D11−4 & D3−0
D3−0
tw5
CS
CONVST
BUSY
D11−D0
td2
td1 + t(acq)
t(conv)
td11
td6
td7
td9
BYTE
t1
RD
Figure 5. Read Control Via CS and RD
There are two output formats available. Twelve bit data appears on the bus during a read operation while BYTE
is low. When BYTE is high, the lower byte (D3 through D0 followed by all zeroes) appears on the data bus with
D3 in the MSB. This feature is useful for interfacing with eight bit microprocessors and microcontrollers.


Similar Part No. - ADS7881IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881IRGZR TI1-ADS7881IRGZR Datasheet
1Mb / 32P
[Old version datasheet]   4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
More results

Similar Description - ADS7881IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com