Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536A
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536A Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ76PL536A Datasheet HTML 4Page - Texas Instruments BQ76PL536A Datasheet HTML 5Page - Texas Instruments BQ76PL536A Datasheet HTML 6Page - Texas Instruments BQ76PL536A Datasheet HTML 7Page - Texas Instruments BQ76PL536A Datasheet HTML 8Page - Texas Instruments BQ76PL536A Datasheet HTML 9Page - Texas Instruments BQ76PL536A Datasheet HTML 10Page - Texas Instruments BQ76PL536A Datasheet HTML 11Page - Texas Instruments BQ76PL536A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
HOST INTERFACE
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Logic-level output voltage, high; SDO_H, FAULT_H,
VOH
CL = 20 pF, IOH < 5 mA
(1)
4.5
VLDOD
V
ALERT_H, DRDY
Logic-level output voltage, low; SDO_H, FAULT_H,
VOL
CL = 20 pF, IOL < 5 mA
(1)
VSS
0.5
V
ALERT_H, DRDY
Logic-level input voltage, high; SCLK_H, SDI_H, CS_H,
VIH
2
5.2
V
CONV
Logic-level input voltage, low; SCLK_H, SDI_H, CS_H,
VIL
VSS
0.8
V
CONV
CIN
Input capacitance SCLK_H, SDI_H, CS_H, CONV
5
pF
ILKG
Input leakage current SCLK_H, SDI_H, CS_H, CONV
1
µA
(1)
Total simultaneous current drawn from all pins is limited by LDOD current to
≤10 mA.
GENERAL PURPOSE INPUT/OUTPUT (GPIO)
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIH
Logic-level input voltage, high
Vin
≤ VREG50
2
V
VIL
Logic-level input voltage, low
0.8
V
VOH
Output high-voltage pullup voltage
Supplied by external ~100-k
Ω resistor
VREG50
V
VOL
Logic-level output voltage, low
IOL = 1 mA
0.3
V
CIN
Input capacitance(1)
5
pF
ILKG
Input leakage current
1
µA
CELL BALANCING CONTROL OUTPUT (CBx)
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CBz
Output impedance
1 V < VCELL < 5 V
80
100
120
k
Ω
VRANGE
Output V
VCn-1
VCn
V
ANALOG-TO-DIGITAL CONVERTER
ADC Common Specifications
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ADC_CONTROL[ADC_ON] = 1
5.4
6
6.6
µs
tCONV_START
CONV high to conversion start(1) (2)
ADC_CONTROL[ADC_ON] = 0
500
µs
ADC_CONTROL[ADC_ON] = 1
tCONV
Conversion time per selected channel(3)(4)
5.4
6
6.6
µs
FUNCTION_CONFG[ADCTx]=00
ILKG
Input leakage current
Not converting
<10
100
nA
(1)
If ADC_CONTROL[ADC_ON] = 0, add 500 µs to conversion time to allow ADC subsystem to stabilize. This is self-timed by the part.
(2)
Additional 50 ms (POR) is required before first conversion after a) initial cell connection; or b) VBAT falls below VPOR.
(3)
ADC specifications valid when device is programmed for 6-µs conversion time per channel, FUNC_CONFIG[ADCT1:0] = 01b.
(4)
Plus tCONV_START, i.e., if device is programmed for six channel conversions, total time is approximately 6 × 6 + 6 = 42 µs.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A


Similar Part No. - BQ76PL536A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536APAPR TI1-BQ76PL536APAPR Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536APAPR TI1-BQ76PL536APAPR Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
More results

Similar Description - BQ76PL536A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536ATPAPRQ1 TI1-BQ76PL536ATPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536TPAPRQ1 TI1-BQ76PL536TPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
BQ76PL536-Q1 TI1-BQ76PL536-Q1 Datasheet
957Kb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
MAY2011
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536 TI-BQ76PL536 Datasheet
1Mb / 58P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
logo
Sanyo Semicon Device
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com