Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60R160XMR Datasheet(PDF) 6 Page - Littelfuse

Part # 60R160XMR
Description  Radial Leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R160XMR Datasheet(HTML) 6 Page - Littelfuse

  60R160XMR Datasheet HTML 1Page - Littelfuse 60R160XMR Datasheet HTML 2Page - Littelfuse 60R160XMR Datasheet HTML 3Page - Littelfuse 60R160XMR Datasheet HTML 4Page - Littelfuse 60R160XMR Datasheet HTML 5Page - Littelfuse 60R160XMR Datasheet HTML 6Page - Littelfuse 60R160XMR Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
88
Revised: January 1, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc.
60R Series
Radial Leaded > 60R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/60R.html for current information.
Dimension
EIA Mark
IEC Mark
Dimensions
Dim. (mm)
Tol. (mm)
Carrier tape width
WW
18
-0.5 / +1.0
Hold down tape width
W
4
W
0
11
min.
Top distance between tape edges
W
6
W
2
3
max.
Sprocket hole position
W
5
W
1
9
-0.5 / +0.75
Sprocket hole diameter*
D
0
D
0
4
-0.32 / +0.2
Abscissa to plane(straight lead)
HH
18.5
-/+ 3.0
Abscissa to plane(kinked lead)
H
0
H
0
16
-/+ 0.5
Abscissa to top 60R010-60R090
H
1
H
1
32.2
max.
Abscissa to top 60R110-60R300
H
1
47.5
max.
Overall width without lead protrusion:60R010-60R090
C
1
42.5
max.
Overall width without lead protrusion:60R110-60R300
57
Overall width with lead protrusion:60R010-60R090
C2
43.2
max.
Overall width with lead protrusion:60R110-60R300
58
Lead protrusion
L
1
l
1
1.0
max.
Protrusion of cut out
LL
11
max.
Protrusion beyond hold-down tape
l
2
l
2
Not specified
Sprocket hole pitch:60R010-60R090
P
0
P
0
12.7
-/+ 0.3
Sprocket hole pitch:60R110-60R300
P
0
P
0
25.4
-/+ 0.5
Pitch tolerance
20 consecutive.
-/+ 1
Device pitch:60R010-60R090
12.7
Device pitch:60R110-60R300
25.4
Tape thickness
tt
0.9
max.
Tape thickness with splice
t
1
2.0
max.
Splice sprocket hole alignment
0
-/+ 0.3
Body lateral deviation
Δh
Δh
0
-/+ 1.0
Body tape plane deviation
Δp
Δp
0
-/+ 1.3
Ordinate to adjacent component lead*:60R010-60R090
P
1
P
1
3.81
-/+ 0.7
Ordinate to adjacent component lead*:60R110-60R300
7.62
-/+ 0.7
Lead spacing:60R010-60R185
FF
5.08
-/+ 0.8
Lead spacing:60R250-60R300
FF
10.18
-/+ 0.8
*Differs from EIA Specification
Tape and Ammo Specifications
Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details.


Similar Part No. - 60R160XMR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R160 LITTELFUSE-60R160 Datasheet
152Kb / 2P
   Radial Leaded PTC
60R160 LITTELFUSE-60R160 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 60R160XMR

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com